Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5521 Datasheet HTML 1Page - Texas Instruments ADS5521 Datasheet HTML 2Page - Texas Instruments ADS5521 Datasheet HTML 3Page - Texas Instruments ADS5521 Datasheet HTML 4Page - Texas Instruments ADS5521 Datasheet HTML 5Page - Texas Instruments ADS5521 Datasheet HTML 6Page - Texas Instruments ADS5521 Datasheet HTML 7Page - Texas Instruments ADS5521 Datasheet HTML 8Page - Texas Instruments ADS5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
Clock duty cycle (see Figure 49 for more information)
50%
0
70
Open free-air temperature range
°C
–40
85
Typ values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 Msps, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1-dBFS differential
input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
ANALOG INPUTS
Differential input range
2.3
VPP
Differential input impedance
See Figure 41
6.6
Ω
Differential input capacitance
See Figure 41
4
pF
Analog input common-mode current (per
300
µA
input)
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Clock
Voltage overload recovery time
4
Cycles
INTERNAL REFERENCE VOLTAGES
VREFM
Reference bottom voltage
0.97
V
VREFP
Reference top voltage
2.11
V
Reference error
– 4%
±0.9%
4%
VCM
Common-mode voltage output
1.55
±0.05
V
DYNAMIC DC CHARACTERISTICS AND ACCURACY
No missing codes
Tested
DNL
Differential linearity error
fIN = 10 MHz
–0.9
±0.75
1.1
LSB
INL
Integral linearity error
fIN = 10 MHz
–5
±2.5
5
LSB
Offset error
–11
±1.5
11
mV
Offset temperature coefficient 0.02
mV/
°C
∆offset error/∆AV
DD from AVDD = 3
DC power supply rejection ratio, DC PSRR
0.25
mV/V
V to AVDD = 3.6 V
Gain error (1)
–2
±0.45
2
%FS
Gain temperature coefficient
0.01
∆%/°C
DYNAMIC AC CHARACTERISTICS
25
°C to T
MAX
71.5
73.2
fIN = 10 MHz
Full temp range
70.5
72.8
fIN = 30 MHz
72.7
fIN = 55 MHz
71.9
SNR
Signal-to-noise ratio
25
°C to T
MAX
70.8
72.3
dBFS
fIN = 70 MHz
Full temp range
69.8
72
fIN = 100 MHz
71.2
fIN = 150 MHz
70.1
fIN = 225 MHz
69.1
RMS output noise
Input tied to common-mode
1.1
LSB
(1)
Gain error is specified by design and characterization; it is not tested in production.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com