Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5521 Datasheet HTML 1Page - Texas Instruments ADS5521 Datasheet HTML 2Page - Texas Instruments ADS5521 Datasheet HTML 3Page - Texas Instruments ADS5521 Datasheet HTML 4Page - Texas Instruments ADS5521 Datasheet HTML 5Page - Texas Instruments ADS5521 Datasheet HTML 6Page - Texas Instruments ADS5521 Datasheet HTML 7Page - Texas Instruments ADS5521 Datasheet HTML 8Page - Texas Instruments ADS5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
• 14-Bit Resolution
The ADS5500 is a high-performance, 14-bit, 125
Msps analog-to-digital converter (ADC). To provide a
• 125 Msps Sample Rate
complete
converter
solution,
it
includes
a
• High SNR: 71.2 dBFS at 100-MHz f
IN
high-bandwidth linear sample-and-hold stage (S&H)
• High SFDR: 82 dBc at 100-MHz f
IN
and internal reference. Designed for applications
• 2.3-V
PP Differential Input Voltage
demanding the highest speed and highest dynamic
performance in little space, the ADS5500 has
• Internal Voltage Reference
excellent power consumption of 578 mW at 3.3-V
• 3.3-V Single-Supply Voltage
single-supply voltage. This allows an even higher
• Analog Power Dissipation: 578 mW
system integration density. The provided internal
reference simplifies system design requirements.
• Serial Programming Interface
Parallel CMOS-compatible output ensures seamless
• TQFP-64 PowerPAD™ Package
interfacing with common logic.
• Recommended Amplifiers:
The ADS5500 is available in a 64-pin TQFP
OPA695, OPA847, THS3201, THS3202,
PowerPAD™ package and in both a commercial and
THS4503, THS4509, THS9001
industrial temperature grade device.
ADS5500 PRODUCT FAMILY
• Wireless Communication
80 Msps
105 Msps
125 Msps
–
Communication Receivers
12 Bit
ADS5522
ADS5521
ADS5520
–
Base Station Infrastructure
14 Bit
ADS5542
ADS5541
ADS5500
• Test and Measurement Instrumentation
• Single and Multichannel Digital Receivers
• Communication Instrumentation
–
Radar, Infrared
• Video and Imaging
• Medical Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5521

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5521 BURR-BROWN-ADS5521 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
ADS5521 BURR-BROWN-ADS5521 Datasheet
274Kb / 20P
12-Bit, 105MSPS Analog-toDigital Converter
ADS5521 BURR-BROWN-ADS5521 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5521 BURR-BROWN-ADS5521 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com