Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5521 Datasheet HTML 1Page - Texas Instruments ADS5521 Datasheet HTML 2Page - Texas Instruments ADS5521 Datasheet HTML 3Page - Texas Instruments ADS5521 Datasheet HTML 4Page - Texas Instruments ADS5521 Datasheet HTML 5Page - Texas Instruments ADS5521 Datasheet HTML 6Page - Texas Instruments ADS5521 Datasheet HTML 7Page - Texas Instruments ADS5521 Datasheet HTML 8Page - Texas Instruments ADS5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
www.ti.com
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typ values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 Msps, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1-dBFS differential
input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
25
°C
82
84
fIN = 10 MHz
Full temp range
78
84
fIN = 30 MHz
84
fIN = 55 MHz
79
SFDR
Spurious-free dynamic range
25
°C
80
83
dBc
fIN = 70 MHz
Full temp range
77
82
fIN = 100 MHz
82
fIN = 150 MHz
78
fIN = 225 MHz
74
25
°C
82
91
fIN = 10 MHz
Full temp range
78
86
fIN = 30 MHz
86
fIN = 55 MHz
84
HD2
Second-harmonic
25
°C
80
87
dBc
fIN = 70 MHz
Full temp range
77
83
fIN = 100 MHz
84
fIN = 150 MHz
78
fIN = 225 MHz
74
25
°C
82
89
fIN = 10 MHz
Full temp range
78
88
fIN = 30 MHz
90
fIN = 55 MHz
79
HD3
Third-harmonic
25
°C
80
85
dBc
fIN = 70 MHz
Full temp range
77
82
fIN = 100 MHz
82
fIN = 150 MHz
80
fIN = 225 MHz
76
fIN = 10 MHz
25
°C
88
Worst-harmonic/spur
dBc
(other than HD2 and HD3)
fIN = 70 MHz
25
°C
86
25
°C to T
MAX
71
72.8
fIN = 10 MHz
Full temp range
69.5
72.2
fIN = 30 MHz
72.3
fIN = 55 MHz
70.7
SINAD
Signal-to-noise + distortion
25
°C to T
MAX
70.3
71.6
dBFS
fIN = 70 MHz
Full temp range
69
71.3
fIN = 100 MHz
70.5
fIN = 150 MHz
69.1
fIN = 225 MHz
67.4
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com