Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 21Page - Texas Instruments ADS5500IPAPR Datasheet HTML 22Page - Texas Instruments ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments ADS5500IPAPR Datasheet HTML 24Page - Texas Instruments ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments ADS5500IPAPR Datasheet HTML 28Page - Texas Instruments ADS5500IPAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
www.ti.com
REFERENCE CIRCUIT
CLOCK INPUT
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
Using the serial interface PDN bit to power down the
device places the outputs in a high-impedance state
and only the internal reference remains on to reduce
the power-up time. The power-down mode reduces
power dissipation to approximately 180 mW.
The
ADS5500
has
built-in
internal
reference
generation, requiring no external circuitry on the
printed
circuit
board
(PCB).
For
optimum
performance, it is best to connect both REFP and
REFM to ground with a 1-
µF decoupling capacitor
(the 1-
Ω series resistor shown in Figure 45 is
optional). In addition, an external 56.2-k
Ω resistor
should be connected from IREF (pin 31) to AGND to
set the proper current for the operation of the ADC,
as shown in Figure 45. No capacitor should be
Figure 46. Clock Inputs
connected between pin 31 and ground; only the
56.2-k
Ω resistor should be used.
When driven with a single-ended CMOS clock input,
it is best to connect CLKM (pin 11) to ground with a
0.01-
µF capacitor, while CLKP is ac-coupled with a
0.01-
µF capacitor to the clock source, as shown in
Figure 47.
Figure 45. REFP, REFM, and IREF Connections
Figure 47. AC-Coupled, Single-Ended Clock Input
for Optimum Performance
The ADS5500 clock input can also be driven
differentially,
reducing
susceptibility
to
common-mode noise. In this case, it is best to
The ADS5500 clock input can be driven with either a
connect both clock inputs to the differential input
differential clock signal or a single-ended clock input,
clock signal with 0.01-
µF capacitors, as shown in
with little or no difference in performance between
Figure 48.
both configurations. The common-mode voltage of
the clock inputs is set internally to CM (pin 17) using
internal 5-k
Ω resistors that connect CLKP (pin 10)
and CLKM (pin 11) to CM (pin 17), as shown in
Figure 46.
Figure 48. AC-Coupled, Differential Clock Input
For
high
input
frequency
sampling,
it
is
recommended to use a clock source with very low
jitter. Additionally, the internal ADC core uses both
edges of the clock for the conversion process. This
means that, ideally, a 50% duty cycle should be
provided. Figure 49 shows the performance variation
of the ADC versus clock duty cycle.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com