Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments ADS5500IPAPR Datasheet HTML 28Page - Texas Instruments ADS5500IPAPR Datasheet HTML 29Page - Texas Instruments ADS5500IPAPR Datasheet HTML 30Page - Texas Instruments ADS5500IPAPR Datasheet HTML 31Page - Texas Instruments ADS5500IPAPR Datasheet HTML 32Page - Texas Instruments ADS5500IPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
www.ti.com
REVISION HISTORY
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
REVISION
DATE
DESCRIPTION
0.0
12/03
Preliminary data sheet released
1.0
03/04
Data sheet updated to reflect RTM silicon
2.0
09/05
Added information regarding thermal pad size and thermal characteristics of the package.
Removed input current from Absolute Maximum Ratings table. Updated specifications to AGND and
DRGND. Added notes regarding the input voltage overstress requirements.
Changed minimum recommended sampling rate to 2 Msps.
Clarified the Electrical Characteristics measurement conditions.
Changed analog input common-mode current specification.
Removed maximum sampling rate from specification table.
Added Voltage Overload Recovery Time specification.
Changed offset temperature coefficient to units of mV/
°C.
Changed power dissipation reporting to separate analog and digital power dissipation.
Changed two-tone intermodulation distortion units to dBFS and updated the specification values to reflect
this change.
Clarified the Digital Characteristics measurement conditions.
Added min VOH and max VOL specifications.
Added data valid with respect to the input clock, output clock jitter, wakeup time, and output clock rise and
fall time parameters.
Clarified the Timing Characteristics measurement conditions.
Updated the timing diagram in Figure 1 to include tSTART and tEND timing parameters.
Added minimum and maximum specifications for various timing parameters.
Added section on Reset Timing.
Clarified serial interface data word format.
Clarified output capture test modes.
Simplified the information given in Table 3.
Updated the definitions section.
Clarified measurement conditions for the specifications plots.
Corrected text annotations on the WCDMA signal plot.
Added axis label to HD3 with DLL ON contour plot.
Updated Figure 4 to correct parameter values and improve readability.
Added 25-
Ω series resistors to ADC inputs in Figure 5.
Corrected text in Input Configuration section to accurately reflect the CM voltage decoupling depicted in
Figure 5.
Updated Equation 5 to match the new definition of common-mode input current and minimum sample rate.
Added 25-
Ω series resistors to ADC inputs in Figure 6.
Changed Power Supply Sequence section to reduce constraints on the power-up sequence.
Updated the Power Down section to reflect the newly specified 2 Msps minimum sampling rate.
Updated Output Information text to include information on the output data in over-range conditions, describe
data capture using the input clock, and add tables to specify timing parameters at various sampling rates.
3.0
10/05
Improved SNR performance parameters.
Updated Reference Circuit section to reflect that the 1-
Ω series resistors to REFP and REFM are now
optional.
Updated timing parameters in Table 5 through Table 8 to reflect revised silicon timing.
REV G
02/07
Added min/max specs for offset and gain errors
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com