Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 27 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments ADS5500IPAPR Datasheet HTML 24Page - Texas Instruments ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments ADS5500IPAPR Datasheet HTML 28Page - Texas Instruments ADS5500IPAPR Datasheet HTML 29Page - Texas Instruments ADS5500IPAPR Datasheet HTML 30Page - Texas Instruments ADS5500IPAPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
www.ti.com
SERIAL PROGRAMMING INTERFACE
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
To use the input clock as the data capture clock, it is
Desired setup time = td– tSTART
necessary to delay the input clock by a delay (td) that
Desired hold time = tEND– td
results in the desired setup or hold time. Use either
of the following equations to calculate the value of td.
Table 5. Timing Characteristics at Additional Sampling Frequencies (DLL ON)
tsu (ns)
th (ns)
tSTART (ns)
tEND (ns)
tr (ns)
tf (ns)
FS (Msps)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
105
2.2
2.8
2.2
2.5
1.9
2.8
5.8
7.3
4.4
5.1
3.3
3.8
80
2.8
3.7
2.8
3.3
0.5
1.7
5.3
7.9
5.8
6.6
4.4
5.3
65
3.8
4.6
3.6
4.1
–0.5
0.8
5.3
8.5
6.7
7.2
5.5
6.4
Table 6. Timing Characteristics at Additional Sampling Frequencies (DLL OFF)
tsu (ns)
th (ns)
tSTART (ns)
tEND (ns)
tr (ns)
tf (ns)
FS (Msps)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
3.2
4.2
1.8
3
3.8
5
8.4
11
5.8
6.6
4.4
5.3
65
4.3
5.7
2
3
2.8
4.5
8.3
11.8
6.6
7.2
5.5
6.4
40
8.5
11
2.6
3.5
–1
1.5
8.9
14.5
7.5
8
7.3
7.8
20
17
25.7
2.5
4.7
–9.8
2
9.5
21.6
7.5
8
7.6
8
10
27
51
4
6.5
–30
–3
11.5
31
2
284
370
8
19
185
320
515
576
50
82
75
150
Table 7. Timing Characteristics at Additional Sampling Frequencies (DLL ON)
CLKOUT, Rise Time
CLKOUT, Fall Time
CLKOUT Jitter, Peak-to-Peak tJIT (ps)
Input-to-Output Clock Delay tPDI (ns)
tr (ns)
tf (ns)
FS (Msps)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
105
2
2.2
1.7
1.8
175
250
4
4.7
5.5
80
2.5
2.8
2.1
2.3
210
315
3.7
4.3
5.1
65
3.1
3.5
2.6
2.9
260
380
3.5
4.1
4.8
Table 8. Timing Characteristics at Additional Sampling Frequencies (DLL OFF)
CLKOUT, Rise Time
CLKOUT, Fall Time
CLKOUT Jitter, Peak-to-Peak tJIT (ps)
Input-to-Output Clock Delay tPDI (ns)
tr (ns)
tf (ns)
FS (Msps)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
2.5
2.8
2.1
2.3
210
315
7.1
8
8.9
65
3.1
3.5
2.6
2.9
260
380
7.8
8.5
9.4
40
4.8
5.3
4
4.4
445
650
9.5
10.4
11.4
20
8.3
9.5
7.6
8.2
800
1200
13
15.5
18
10
16
20.7
25.5
2
31
52
36
65
2610
4400
537
551
567
Note that some of these modes may modify the
standard operation of the device and possibly vary
the performance with respect to the typical data
The
ADS5500
has
internal
registers
for
the
shown in this data sheet.
programming of some of the modes described in the
previous sections. The registers should be reset after
Applying a RESET signal is required to set the
power-up by applying a 2
µs (minimum) high pulse
internal registers to their default states for normal
on RESET (pin 35); this also resets the entire ADC
operation. If the hardware RESET function is not
and sets the data outputs to low. This pin has a
used in the system, the RESET pin must be tied to
200-k
Ω internal pullup resistor to AV
DD.
The
ground and it is necessary to write the default values
programming is done through a three-wire interface.
to
the
internal
registers
through
the
serial
The timing diagram and serial register setting in the
programming interface. The registers must be written
Serial Programing Interface section describe the
in the following order.
programming of this register.
Write 9000h (Address 9, Data 000)
Table 2 shows the different modes and the bit values
Write A000h (Address A, Data 000)
to be written on the register to enable them.
Write B000h (Address B, Data 000)
Write C000h (Address C, Data 000)
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com