Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV781
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV781 Datasheet HTML 1Page - STMicroelectronics TSV781 Datasheet HTML 2Page - STMicroelectronics TSV781 Datasheet HTML 3Page - STMicroelectronics TSV781 Datasheet HTML 4Page - STMicroelectronics TSV781 Datasheet HTML 5Page - STMicroelectronics TSV781 Datasheet HTML 6Page - STMicroelectronics TSV781 Datasheet HTML 7Page - STMicroelectronics TSV781 Datasheet HTML 8Page - STMicroelectronics TSV781 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
3
Electrical characteristics
Table 5. Electrical characteristics at VCC = 5 V, Vicm = VOUT = VCC / 2, T = 25 °C, CL = 47 pF and RL = 10 kΩ connected to
VCC / 2 (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
± 50
± 200
µV
-40 °C ≤ T ≤ 125 °C
± 700
∆Vio/∆T
Input offset voltage
temperature drift
-40 °C ≤ T ≤ 125 °C
± 5
µV/°C
Iib (1)
Input bias current
T = 25 °C
1
2
pA
-40 °C ≤ T ≤ 85 °C
10
30
-40 °C ≤ T ≤ 125 °C
75
200
Iio (1)
Input offset current
T = 25 °C
1
2
pA
-40 °C ≤ T ≤ 85 °C
5
20
-40 °C ≤ T ≤ 125 °C
20
100
AVD
Open loop gain
VCC- + 100 mV ≤ VOUT ≤ VCC+ - 100 mV,
T = 25 °C
110
133
dB
VCC- + 100 mV ≤ VOUT ≤ VCC+ - 100 mV,
-40 °C ≤ T ≤ 125 °C
95
113
VCC- + 300 mV ≤ VOUT ≤ VCC+ - 300 mV,
RL = 600 Ω, T = 25 °C
105
130
VCC- + 300 mV ≤ VOUT ≤ VCC+ - 300 mV,
RL = 600 Ω, -40 °C ≤ T ≤ 125 °C
85
CMR1
Common-mode rejection
ratio
20.log (∆Vio/∆Vicm)
VCC- - 100 mV ≤ Vicm ≤ VCC+ - 1.8 V, T = 25 °C
98
120
dB
VCC- - 100 mV ≤ Vicm ≤ VCC+ - 1.8 V,
-40 °C ≤ T ≤ 125 °C
90
120
CMR2
VCC- -100 mV ≤ Vicm ≤ VCC+, T = 25 °C,
80
100
dB
VCC- -100 mV ≤ Vicm ≤ VCC+, -40 °C ≤ T ≤ 125 °C
76
92
SVR
Supply-voltage rejection
ratio
20.log (∆Vio/∆VCC)
2.0 V ≤ VCC ≤ 5.5 V, T = 25 °C, Vicm = 0 V
90
110
dB
2.0 V ≤ VCC ≤ 5.5 V, -40 °C ≤ T ≤ 125 °C,
Vicm = 0 V
90
110
VOH
High level output voltage
drop
(VOH = VCC+ - VOUT)
T = 25 °C
10
mV
-40 °C ≤ T ≤ 125 °C
20
VOL
Low level output voltage
drop
(VOL = VOUT)
T = 25 °C
10
mV
-40 °C ≤ T ≤ 125 °C
20
IOUT
ISINK
OUT connected to VCC+, T = 25 °C
55
70
mA
OUT connected to VCC+, -40 °C ≤ T ≤ 125 °C
37
ISOURCE
OUT connected to VCC-, T = 25 °C
55
60
OUT connected to VCC-, -40 °C ≤ T ≤ 125 °C
45
TSV781, TSV782
Electrical characteristics
DS14011 - Rev 7
page 5/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com