Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSV781
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSV781 Datasheet HTML 26Page - STMicroelectronics TSV781 Datasheet HTML 27Page - STMicroelectronics TSV781 Datasheet HTML 28Page - STMicroelectronics TSV781 Datasheet HTML 29Page - STMicroelectronics TSV781 Datasheet HTML 30Page - STMicroelectronics TSV781 Datasheet HTML 31Page - STMicroelectronics TSV781 Datasheet HTML 32Page - STMicroelectronics TSV781 Datasheet HTML 33Page - STMicroelectronics TSV781 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
8
Ordering information
Table 12. Order code
Order code
Temperature range
Package
Marking
TSV781ILT
-40 °C to 125 °C
SOT23-5
K10D
TSV782IQ2T
DFN8 2x2
K2M
TSV782IST
MiniSO8
K2M
TSV782IDT
SO8
TSV782I
TSV781IYLT
-40 °C to 125 °C automotive
grade (1)
SOT23-5
K10E
TSV782IYST
MiniSO8
K232
TSV782IYDT
SO8
TSV782Y
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent. For qualification status detail, check "Maturity Status Link" on the first page of the datasheet, then, the
"Quality & Reliability" tab on www.st.com.
TSV781, TSV782
Ordering information
DS14011 - Rev 7
page 31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com