Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV781 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV781
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV781 Datasheet(HTML) 4 Page - STMicroelectronics

  TSV781 Datasheet HTML 1Page - STMicroelectronics TSV781 Datasheet HTML 2Page - STMicroelectronics TSV781 Datasheet HTML 3Page - STMicroelectronics TSV781 Datasheet HTML 4Page - STMicroelectronics TSV781 Datasheet HTML 5Page - STMicroelectronics TSV781 Datasheet HTML 6Page - STMicroelectronics TSV781 Datasheet HTML 7Page - STMicroelectronics TSV781 Datasheet HTML 8Page - STMicroelectronics TSV781 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
2
Absolute maximum ratings and operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter (1)
Value
Unit
VCC
Supply voltage
6
V
Vid
Input voltage differential (VIN+ - VIN-) (2)
±VCC
V
Vin
Input voltage (2)
(VCC-) -0.2 to (VCC+) +0.2
V
Iin
Input current
±10
mA
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rth-ja (3)
Thermal resistance junction-to-ambient
°C / W
SOT23-5
250
DFN8 2x2
76
MiniSO8
127
SO8
113
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (industrial grade) (4)
4
kV
HBM: human body model (automotive grade) (5)
4
kV
CDM: charged device model for SOT23-5, DFN8 and
SO8 (6)
1.5
kV
CDM: charged device model for MiniSO8 (6)
1
kV
1. All voltage values are with respect to the VCC- pin, unless otherwise specified.
2. This voltage can be extended to the condition that the input current is limited to ±10 mA.
3. Rth-ja is a typical value, obtained with PCB according to JEDEC 2s2p without vias.
4. Human body model: HBM test according to the standard ESDA-JS-001-2017.
5. Human body model: HBM test according to the standard AEC-Q100-002.
6. Charged device model: the test CDM is done according to the standard AEC-Q100-011.
Table 4. Operating conditions
Symbol
Parameter
Value
VCC
Supply voltage
2.0 V to 5.5 V
Vicm
Common mode input voltage range
VCC- – 0.1 V to VCC+ + 0.1 V
Toper
Operating free air temperature range
-40 °C to +125 °C
TSV781, TSV782
Absolute maximum ratings and operating conditions
DS14011 - Rev 7
page 4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com