Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNS100FB-AX-R01AA Datasheet(PDF) 4 Page - VITROHM

Part # KNS100FB-AX-R01AA
Description  Power Shunt Resistors | Radial and Axial Version Low Inductance and Low Ohmic | Open Frame
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNS100FB-AX-R01AA Datasheet(HTML) 4 Page - VITROHM

  KNS100FB-AX-R01AA Datasheet HTML 1Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 2Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 3Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KNS Series Datasheet
1
4
The standard packaging for KNS in radial and axial type is Bulk, dimensions below.
Type
Historical P/N:
Pack
Code
Pieces * Forming
Type
Special
KNS100
KN350 – 009
B = Bulk
100
RP-
AA = Standard
KNS200
KN351 – 009
1000
RP-
KNS150
KN351 – 010
1000
RL-
KNS250
KN352 – 009
500
RP-
KN352 – 010
500
RL-
KN352 – 011
500
RC-
KNS300
KN353 – 009
500
RP-
KN353 – 010
500
RL-
KN353 – 011
500
RC-
* RP- Radial (1 Pin 10[mm] RM) ; RL- Radial (1 Pin 15[mm] RM) ; RC- Radial (1 Pin 20[mm] RM)
Type
Historical P/N:
Pack
Code
Pieces
Forming
Type
Special
KNS100
KN350 – 0
B = Bulk
500
AX- = Axial
AA = Standard
KNS200
KN351 – 0
500
KNS300
KN352 – 0
500
Ordering Code for Radial:
KNS
250
J
B
-
RP-
R039
AA
Serie
Power
rating
Tol.
Pack-Code
TCR
Forming type
R Value
Special
F = ±1%
G = ±2%
H = ±3%
J = ±5%
B = Bulk
- Base on
spec.
RP- Radial Version (10[mm] RM)
or
RL- Radial Version (15[mm] RM)
or
RC- Radial Version (20[mm] RM)
AA = Standard
Ordering Code for Axial:
KNS
250
J
B
-
AX-
R039
AA
Serie
Power
rating
Tol.
Pack-Code
TCR
Forming type
R Value
Special
F = ±1%
G = ±2%
H = ±3%
J = ±5%
B = Bulk
- Base on
spec.
AX- Axial Version
AA = Standard
Radial Version:
Axial Version:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com