Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNS100FB-AX-R01AA Datasheet(PDF) 2 Page - VITROHM

Part # KNS100FB-AX-R01AA
Description  Power Shunt Resistors | Radial and Axial Version Low Inductance and Low Ohmic | Open Frame
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNS100FB-AX-R01AA Datasheet(HTML) 2 Page - VITROHM

  KNS100FB-AX-R01AA Datasheet HTML 1Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 2Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 3Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KNS Series Datasheet
1
2
Measuring length L2: Resistance value is measured over the centered length L2 on terminals free of oxide and contaminations.
Differing conditions require adequate corrections (Rterminal = 0,4 [mΩ/cm]).
Type
KNS100
KNS150
KNS200
KNS250
KNS300
Historical Part Number
RADIAL
KN350 – 009
KN351 – 010
KN351 – 009
KN352 – 009
KN352 – 010
KN352 – 011
KN353 – 009
KN353 – 010
KN353 – 011
AXIAL
KN350 – 0
----------
KN351 – 0
KN352 – 0
----------
Derating Linear
[ºC]
70…300 (0W)
Climatic Category
55/200/56
Failure Rate
(Total
, ϑ
0 ,
max, 60[%] cont. lev.)
[10-9 h-1]
appr. 100 depends on value
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C], 1000[h])
±[%]
3,0
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 3,5±1[s])
±[%]
0,25
Damp Heat, Steady State
IEC60115-1 clause 4.24 ; IEC60068-2-78
(40[°C], 93[% r.h.], 56[d])
±[%]
0,5
1,5
0,5
1,5
Rapid change of temperature
IEC60115-1 clause 4.19 and IEC60068-2-14
(30 [min] -55 [ºC] and 30 [min] +125 [ºC])
±[%]
2,0
1,0
2,0
1,0
Biased Humidity
MIL-STD-202 Method 103
(85[ºC], 85[%RH] 1.000[h])
±[%]
1,0
2,5
1,0
2,5
Vibrations
Mil-STD-202 Method 204
(10 to 2000 [Hz], 5 [G] for 20 [min], 12 cycles, each of 3 orientation
±[%]
4,5
9,0
4,5
9,0
Mechanical Shock
Mil-STD-202 Method 213
(Method C, peak value 100 [G], Half sine)
±[%]
2,0
3,0
2,0
3,0
ESD
IEC60115-1 Clause 4.38, AEC-Q200-002
Direct contact, 2discharges, Cs = 150 [pf] , Rd = 2000 [Ω], V = 2[KV] (time/sec)
±[%]
2,0
1,5
2,0
1,5
Terminal Strength
±[%]
0,5
Terminal Tensile Strength
[N]
≥ 25
Solderability
IEC60068-2-20
(245±5[ºC] 3±0,5[s])
Solder bath method (> 95% coverage)
Marking
IEC60062
Value imprinted
Type
[Forming
Type]
Historical
P/N:
L1
L2
KNS100
[AX]
KN350 - 0
12,0 … 14,5
40
KNS200
KN351 - 0
17,5 … 21,5
45
KNS250
KN352 - 0
29,0 … 34,0
60
Axial Version:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com