Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNS100FB-AX-R01AA Datasheet(PDF) 1 Page - VITROHM

Part # KNS100FB-AX-R01AA
Description  Power Shunt Resistors | Radial and Axial Version Low Inductance and Low Ohmic | Open Frame
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNS100FB-AX-R01AA Datasheet(HTML) 1 Page - VITROHM

  KNS100FB-AX-R01AA Datasheet HTML 1Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 2Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 3Page - VITROHM KNS100FB-AX-R01AA Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
KNS Series Datasheet
Power Shunt Resistors | Radial and Axial Version
Low Inductance and Low Ohmic | Open Frame
Type
KNS100
KNS150
KNS200
KNS250
KNS300
Historical Part Number
RADIAL
KN350 – 009
KN351 – 010
KN351 – 009
KN352 – 009
KN352 – 010
KN352 – 011
KN353 – 009
KN353 – 010
KN353 – 011
AXIAL
KN350 – 0
----------
KN351 – 0
KN352 – 0
----------
Nominal Power Rating P70
1,0
1,5
2,0
2,5
3,0
Resistance Range
(Other values upon request)
[Ω]
Min.
0R003
0R003
0R003
0R005
0R005
Max.
0R051
0R068
0R068
0R12
0R12
E-Series (preferred)
E24 >0R01 (Other upon request)
Tolerances
±[%]
F = 1% ; G = 2% ; H = 3% ; J = 5%
Temperature Coefficient
±[10-6*K-1]
+200 … +1200 (Depends on value)
Working Temperature
Range
[ºC]
-55 … +300
Thermal Resistance
[KW-1]
230
115
153
92
77
Max. Working Voltage
[V]RMS
Dielectric Withstanding
Voltage
IEC115-1 clause 4.7 (1[min])
[V]RMS
Non insulated
Construction: The resistive elements consist of a flat metal-band. Spot welded Cu-terminals ensure high
stability of Contacts. Thus, this construction results in a non-inductive resistor of both high
stability and overload capacity.
Type
[Forming
Type]
Historical
P/N:
H
max.
L
max.
RM
KNS100
[RP]
KN350-009
6,5
16
10
KNS150
[RL]
KN351-010
8,0
21
15
KNS200
[RP]
KN351-009
10,5
16
10
KNS250
[RP]
KN352-009
17,0
16
10
[RL]
KN352-010
14,5
21
15
[RC]
KN352-011
12,0
26
20
KNS300
[RP]
KN353-009
20,0
16
10
[RL]
KN353-010
18,0
21
15
[RC]
KN353-011
15,0
26
20
All welded construction
Very low inductance
Open frame design
Solderable terminals
RoHS & REACH Compliant
AEC - Q200 Qualified
New SAP Part Nr.:
KNS
250
J
B
-
RP-
R039
AA
Serie
Power rating Tol.
Pack-
Code
TCR
Forming type
R Value
Special
F = ±1%
G = ±2%
H = ±3%
J = ±5%
B = Bulk
- Base on
spec.
AX- Axial Version
RP- Radial Version (10[mm] RM)
RL- Radial Version (15[mm] RM)
RC- Radial Version (20[mm] RM)
AA = Standard
Historical VTM Part Nr.:
KN352 – 009
5
B
0R039
Type
Tol.
Pack-Code
R Value
KN352 – 0
5
B
0R068
Type
Tol.
Pack-Code
R Value
Automotive
Power & Energy
Consumer &
Electronics
Radial Version:


Similar Part No. - KNS100FB-AX-R01AA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KNS MSYSTEM-KNS Datasheet
101Kb / 3P
Plug-in Signal Conditioners K-UNIT
KNS-11-B MSYSTEM-KNS-11-B Datasheet
101Kb / 3P
Plug-in Signal Conditioners K-UNIT
KNS-11-B/Q MSYSTEM-KNS-11-B/Q Datasheet
101Kb / 3P
Plug-in Signal Conditioners K-UNIT
KNS-11-C MSYSTEM-KNS-11-C Datasheet
101Kb / 3P
Plug-in Signal Conditioners K-UNIT
KNS-11-C/Q MSYSTEM-KNS-11-C/Q Datasheet
101Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KNS100FB-AX-R01AA

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
LRA Low Ohmic Open Air Resistors
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
877049 YAGEO-877049 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
Rohm
PSR400ITTQJ ROHM-PSR400ITTQJ Datasheet
424Kb / 6P
Ultra low ohmic Metal plate / High power type Shunt Resistors
logo
YAGEO Corporation
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
LOW OHMIC CHIP RESISTORS
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
High power low ohmic chip shunt resistors
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
High power metal plate shunt resistors
2023.2 - Rev.012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com