Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7044IDCUT Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS7044IDCUT
Description  ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7044IDCUT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7044IDCUT Datasheet HTML 17Page - Texas Instruments ADS7044IDCUT Datasheet HTML 18Page - Texas Instruments ADS7044IDCUT Datasheet HTML 19Page - Texas Instruments ADS7044IDCUT Datasheet HTML 20Page - Texas Instruments ADS7044IDCUT Datasheet HTML 21Page - Texas Instruments ADS7044IDCUT Datasheet HTML 22Page - Texas Instruments ADS7044IDCUT Datasheet HTML 23Page - Texas Instruments ADS7044IDCUT Datasheet HTML 24Page - Texas Instruments ADS7044IDCUT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
1
2
15
16
SCLK(fCLK-CAL)
CS
Start
Power-up
Calibration
Sample
#1
tACQ
tPOWERUP-CAL
SDO
tPH_CS
tSU_CSCK
tD_CKCS
ADS7044
www.ti.com
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
Device Functional Modes (continued)
8.4.1.1 Offset Calibration on Power-Up
The device starts offset calibration on the first CS falling edge after power-up and calibration completes if the CS
pin remains low for at least 16 SCLKs after the first CS falling edge. The SDO output remains low during
calibration. The minimum acquisition time must be provided after calibration for acquiring the first sample. If the
device is not provided with at least 16 SCLKs during the first serial transfer frame after power-up, the OCR is not
updated. Table 2 provides the timing parameters for offset calibration on power-up.
For subsequent samples, the device adjusts the conversion results with the value stored in the OCR. The
conversion result adjusted with the value stored in OCR is provided by the device on the SDO output. Figure 37
shows the timing diagram for offset calibration on power-up.
Table 2. Offset Calibration on Power-Up
MIN
TYP
MAX
UNIT
fCLK-CAL
SCLK frequency for calibration at 2.25 V < AVDD < 3.6 V
16
MHz
fCLK-CAL
SCLK frequency for calibration at 1.65 V < AVDD < 2.25 V
12
MHz
tPOWERUP-CAL
Calibration time at power-up
16 tSCLK
ns
tACQ
Acquisition time
200
ns
tPH_CS
CS high time
tACQ
ns
Figure 37. Offset Calibration on Power-Up Timing Diagram
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com