Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7044IDCUT Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS7044IDCUT
Description  ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7044IDCUT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS7044IDCUT Datasheet HTML 25Page - Texas Instruments ADS7044IDCUT Datasheet HTML 26Page - Texas Instruments ADS7044IDCUT Datasheet HTML 27Page - Texas Instruments ADS7044IDCUT Datasheet HTML 28Page - Texas Instruments ADS7044IDCUT Datasheet HTML 29Page - Texas Instruments ADS7044IDCUT Datasheet HTML 30Page - Texas Instruments ADS7044IDCUT Datasheet HTML 31Page - Texas Instruments ADS7044IDCUT Datasheet HTML 32Page - Texas Instruments ADS7044IDCUT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AVDD
GND
DVDD
AVDD
DVDD
1 PF
1 PF
ADS7044
www.ti.com
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
10 Power-Supply Recommendations
10.1 AVDD and DVDD Supply Recommendations
The device has two separate power supplies: AVDD and DVDD. The device operates on AVDD; DVDD is used
for the interface circuits. AVDD and DVDD can be independently set to any value within the permissible ranges.
The AVDD supply also defines the full-scale input range of the device. Decouple the AVDD and DVDD pins
individually with 1-µF ceramic decoupling capacitors, as shown in Figure 45. The minimum capacitor value
required for AVDD and DVDD is 200 nF and 20 nF, respectively. If both supplies are powered from the same
source, a minimum capacitor value of 220 nF is required for decoupling.
Figure 45. Power-Supply Decoupling
10.2 Estimating Digital Power Consumption
The current consumption from the DVDD supply depends on the DVDD voltage, load capacitance on the SDO
line, and the output code. The load capacitance on the SDO line is charged by the current from the SDO pin on
every rising edge of the data output and is discharged on every falling edge of the data output. The current
consumed by the device from the DVDD supply can be calculated by Equation 4:
IDVDD = C × V × f
where:
•
C = Load capacitance on the SDO line,
•
V = DVDD supply voltage, and
•
f = Number of transitions on the SDO output.
(4)
The number of transitions on the SDO output depends on the output code, and thus changes with the analog
input. The maximum value of f occurs when data output on the SDO change on every SCLK. SDO changing on
every SCLK results in an output code of AAAh or 555h. For an output code of AAAh or 555h at a 1-MSPS
throughput, the frequency of transitions on the SDO output is 6 MHz.
To keep the current consumption at the lowest possible value, the DVDD supply must be kept at the lowest
permissible value and the capacitance on the SDO line must be kept as low as possible.
10.3 Optimizing Power Consumed by the Device
•
Keep the analog supply voltage (AVDD) as per the analog input full-scale range (FSR) requirement.
•
Keep the digital supply voltage (DVDD) at the lowest permissible value.
•
Reduce the load capacitance on the SDO output.
•
Run the device at optimum throughput. Power consumption reduces with throughput.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com