Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7044IDCUT Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS7044IDCUT
Description  ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7044IDCUT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7044IDCUT Datasheet HTML 18Page - Texas Instruments ADS7044IDCUT Datasheet HTML 19Page - Texas Instruments ADS7044IDCUT Datasheet HTML 20Page - Texas Instruments ADS7044IDCUT Datasheet HTML 21Page - Texas Instruments ADS7044IDCUT Datasheet HTML 22Page - Texas Instruments ADS7044IDCUT Datasheet HTML 23Page - Texas Instruments ADS7044IDCUT Datasheet HTML 24Page - Texas Instruments ADS7044IDCUT Datasheet HTML 25Page - Texas Instruments ADS7044IDCUT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
1
2
3
4
13
14
SCLK(fCLK-CAL)
CS
Sample
N
0
0
D11
D10
SDO
Data for Sample N
D1
D0
15
16
18
17
32
31
Sample
N+1
tCONV
tCAL
tACQ
tPH_CS
tSU_CSCK
tD_CKCS
ADS7044
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
8.4.1.2 Offset Calibration During Normal Operation
The offset can also be calibrated during normal device operation. Offset calibration can be done during normal
device operation if at least 32 SCLKs are provided in one serial transfer frame. During the first 14 SCLKs, the
device converts the sample acquired on the CS falling edge and provides data on the SDO output. The device
initiates the offset calibration on the 17th SCLK falling edge and calibration is completed on the 32nd SCLK
falling edge. The SDO output remains low after the 14th SCLK falling edge and SDO goes to 3-state after CS
goes high. If the device is provided with less than 32 SCLKs during a serial transfer frame, the OCR is not
updated. Table 3 provides the timing parameters for offset calibration during normal operation.
For subsequent samples, the device adjusts the conversion results with the value stored in OCR. The conversion
result adjusted with the value stored in the OCR is provided by the device on the SDO output. Figure 38 shows
the timing diagram for offset calibration during normal operation.
Table 3. Offset Calibration During Normal Operation
MIN
TYP
MAX
UNIT
fCLK-CAL
SCLK frequency for calibration for 2.25 V < AVDD < 3.6 V
16
MHz
fCLK-CAL
SCLK frequency for calibration for 1.65 V < AVDD < 2.25 V
12
MHz
tCAL
Calibration time during normal operation
16 tSCLK
ns
tACQ
Acquisition time
200
ns
tPH_CS
CS high time
tACQ
ns
Figure 38. Offset Calibration During Normal Operation Timing Diagram
22
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com