Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 154 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 150Page - Texas Instruments AM263P4 Datasheet HTML 151Page - Texas Instruments AM263P4 Datasheet HTML 152Page - Texas Instruments AM263P4 Datasheet HTML 153Page - Texas Instruments AM263P4 Datasheet HTML 154Page - Texas Instruments AM263P4 Datasheet HTML 155Page - Texas Instruments AM263P4 Datasheet HTML 156Page - Texas Instruments AM263P4 Datasheet HTML 157Page - Texas Instruments AM263P4 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 168 page
background image
9.1.2 Device Naming Convention
Table 9-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a(2)
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
BBBBBBB
Base production part number
AM263P4
See Device Comparison.
AM263P2
AM263P1
r
Device revision
A
SR 1.0
S
Special Features
C
AM263x Compatible Package (ZCZ-C)
F
AM263Px Sensor Package (ZCZ-F) + SIP Flash-in-Package
S
AM263Px Sensor Package (ZCZ-S)
Z
Device Operating
Performance Points
N
See Operating Performance Points.
O
P
f
Features
(see Table 4-1, Device
Comparison)
D
PRU-ICSS
+ CAN-FD Supported
+ Standard Analog
E
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Standard Analog
F
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Pre-integrated Stacks Enabled
+ Standard Analog
K
PRU-ICSS
+ CAN-FD Supported
+ Enhanced Analog
L
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Enhanced Analog
M
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Pre-integrated Stacks
+ Enhanced Analog
N
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Pre-integrated Stacks
+ Enhanced Analog
+ EPWM Multi Compare Shadow Registers (XCMP)
+ EPWM Pulse Edge Monitoring
+ ECAP Pulse Edge Monitoring
+ Diode Emulation Logic (DEL) Function + XBAR
Y
Functional Safety
G
Non-Functional Safety (AM263P1 only)
F
Functional Safety
PPP
Package Designator
ZCZ
ZCZ NFBGA-N324 (15 mm × 15 mm) Package
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
154
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com