Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 53 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 49Page - Texas Instruments AM263P4 Datasheet HTML 50Page - Texas Instruments AM263P4 Datasheet HTML 51Page - Texas Instruments AM263P4 Datasheet HTML 52Page - Texas Instruments AM263P4 Datasheet HTML 53Page - Texas Instruments AM263P4 Datasheet HTML 54Page - Texas Instruments AM263P4 Datasheet HTML 55Page - Texas Instruments AM263P4 Datasheet HTML 56Page - Texas Instruments AM263P4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
Table 5-18. CPSW0 MII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MII2_COL
I
MII Collision Detected
F17
F17
F17
MII2_CRS
I
MII Carrier Sense
G18
G18
G18
MII2_RXCLK
I
MII Receive Clock
K15
K15
K15
MII2_RXDV
I
MII Receive Data Valid
K16
K16
K16
MII2_RX_ER
I
MII Receive Error
G17
G17
G17
MII2_TXCLK
I
MII Transmit Clock
H18
H18
H18
MII2_TX_EN
O
MII Transmit Enable
L16
L16
L16
MII2_RXD0
I
MII Receive Data 0
K17
K17
K17
MII2_RXD1
I
MII Receive Data 1
K18
K18
K18
MII2_RXD2
I
MII Receive Data 2
J18
J18
J18
MII2_RXD3
I
MII Receive Data 3
J17
J17
J17
MII2_TXD0
O
MII Transmit Data 0
M16
M16
M16
MII2_TXD1
O
MII Transmit Data 1
M15
M15
M15
MII2_TXD2
O
MII Transmit Data 2
H17
H17
H17
MII2_TXD3
O
MII Transmit Data 3
H16
H16
H16
Table 5-19. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MDIO0_MDC
O
MDIO Clock
M17
M17
M17
MDIO0_MDIO
IO
MDIO Data
N16
N16
N16
5.3.6 CPTS
Table 5-20. CPTS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output
A16
A16
A16
5.3.7 DAC
Table 5-21. DAC Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
DAC_OUT
O
DAC Output
T5
T5
T5
DAC_VREF0 (1) (2)
A
DAC Voltage Reference 0
T13
T13
T13
DAC_VREF1 (1) (2)
A
DAC Voltage Reference 1
T6
T6
T6
(1)
See the Layout Guidelines sections for details on connecting these pins.
(2)
This pin can be connected (shorted) to VDDA18_LDO.
5.3.8 EPWM
Table 5-22. EPWM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM0_A
O
EPWM Output A
B2
B2
B2
EPWM0_B
O
EPWM Output B
B1
B1
B1
Table 5-23. EPWM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM1_A
O
EPWM Output A
D3
D3
D3
EPWM1_B
O
EPWM Output B
D2, E4
D2, E4
D2, E4
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com