Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 54Page - Texas Instruments AM263P4 Datasheet HTML 55Page - Texas Instruments AM263P4 Datasheet HTML 56Page - Texas Instruments AM263P4 Datasheet HTML 57Page - Texas Instruments AM263P4 Datasheet HTML 58Page - Texas Instruments AM263P4 Datasheet HTML 59Page - Texas Instruments AM263P4 Datasheet HTML 60Page - Texas Instruments AM263P4 Datasheet HTML 61Page - Texas Instruments AM263P4 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 168 page
background image
Table 5-61. FSITX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
FSITX0_CLK
O
FSI Clock
A11, R17
A11, R17
A11, R17
FSITX0_DATA0
O
FSI Data 0
C10, R18
C10
C10
FSITX0_DATA1
O
FSI Data 1
B11, U17
B11
B11
Table 5-62. FSITX1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
FSITX1_CLK
O
FSI Clock
E4, N18
E4, N18
E4, N18
FSITX1_DATA0
O
FSI Data 0
F2, M18
F2, M18
F2, M18
FSITX1_DATA1
O
FSI Data 1
G2, P16
G2, P16
G2, P16
Table 5-63. FSITX2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
FSITX2_CLK
O
FSI Clock
E16, G3
E16, G3
E16, G3
FSITX2_DATA0
O
FSI Data 0
F16, H2
F16, H2
F16, H2
FSITX2_DATA1
O
FSI Data 1
F18, G1
F18, G1
F18, G1
Table 5-64. FSITX3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
FSITX3_CLK
O
FSI Clock
C16
C16
C16
FSITX3_DATA0
O
FSI Data 0
A17
A17
A17
FSITX3_DATA1
O
FSI Data 1
B18
B18
B18
5.3.11 GPIO
Table 5-65. GPIO Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
GPIO0
IO
General Purpose Input/Output
P1
P1
GPIO1
IO
General Purpose Input/Output
R3
R3
R3
GPIO2
IO
General Purpose Input/Output
N2
N2
N2
GPIO3
IO
General Purpose Input/Output
N1
N1
N1
GPIO4
IO
General Purpose Input/Output
N4
N4
N4
GPIO5
IO
General Purpose Input/Output
M4
M4
GPIO6
IO
General Purpose Input/Output
P3
P3
GPIO7
IO
General Purpose Input/Output
M1
M1
GPIO8
IO
General Purpose Input/Output
L1
L1
GPIO9
IO
General Purpose Input/Output
L2
L2
GPIO10
IO
General Purpose Input/Output
K1
K1
K1
GPIO11
IO
General Purpose Input/Output
C11
C11
C11
GPIO12
IO
General Purpose Input/Output
A11
A11
A11
GPIO13
IO
General Purpose Input/Output
C10
C10
C10
GPIO14
IO
General Purpose Input/Output
B11
B11
B11
GPIO15
IO
General Purpose Input/Output
C9
C9
C9
GPIO16
IO
General Purpose Input/Output
A10
A10
A10
GPIO17
IO
General Purpose Input/Output
B10
B10
B10
GPIO18
IO
General Purpose Input/Output
D9
D9
D9
GPIO19
IO
General Purpose Input/Output
A9
A9
A9
GPIO100
IO
General Purpose Input/Output
M15
M15
M15
GPIO101
IO
General Purpose Input/Output
H17
H17
H17
GPIO102
IO
General Purpose Input/Output
H16
H16
H16
GPIO103
IO
General Purpose Input/Output
F15
F15
F15
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
58
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com