Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 71 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 67Page - Texas Instruments AM263P4 Datasheet HTML 68Page - Texas Instruments AM263P4 Datasheet HTML 69Page - Texas Instruments AM263P4 Datasheet HTML 70Page - Texas Instruments AM263P4 Datasheet HTML 71Page - Texas Instruments AM263P4 Datasheet HTML 72Page - Texas Instruments AM263P4 Datasheet HTML 73Page - Texas Instruments AM263P4 Datasheet HTML 74Page - Texas Instruments AM263P4 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 168 page
background image
Table 5-115. UART4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
A14
A14
A14
UART4_RTSn
O
UART Request to Send (active low)
B14
B14
B14
UART4_RXD
I
UART Receive Data
A10, D11, H2
A10, D11, H2
A10, D11, H2
UART4_TXD
O
UART Transmit Data
C12, C9, G3
C12, C9, G3
C12, C9, G3
Table 5-116. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
D13
D13
D13
UART5_RTSn
O
UART Request to Send (active low)
A16
A16
A16
UART5_RXD
I
UART Receive Data
A15, C13, D9,
R16
A15, C13, D9
A15, C13, D9
UART5_TXD
O
UART Transmit Data
B10, B15, P15
B10, B15
B10, B15
5.3.23 XBAR
Table 5-117. Output XBAR Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
XBAROUT0
O
OUTPUTXBAR Signal 0
R3
R3
R3
XBAROUT1
O
OUTPUTXBAR Signal 1
C9
C9
C9
XBAROUT2
O
OUTPUTXBAR Signal 2
A10
A10
A10
XBAROUT3
O
OUTPUTXBAR Signal 3
B10
B10
B10
XBAROUT4
O
OUTPUTXBAR Signal 4
D9
D9
D9
XBAROUT5
O
OUTPUTXBAR Signal 5
A9
A9
A9
XBAROUT6
O
OUTPUTXBAR Signal 6
B9
B9
B9
XBAROUT7
O
OUTPUTXBAR Signal 7
D7
D7
D7
XBAROUT8
O
OUTPUTXBAR Signal 8
C8
C8
C8
XBAROUT9
O
OUTPUTXBAR Signal 9
C7
C7
C7
XBAROUT10
O
OUTPUTXBAR Signal 10
B7
B7
B7
XBAROUT11
O
OUTPUTXBAR Signal 11
D16
D16
D16
XBAROUT12
O
OUTPUTXBAR Signal 12
C17
C17
C17
XBAROUT13
O
OUTPUTXBAR Signal 13
D15
D15
D15
XBAROUT14
O
OUTPUTXBAR Signal 14
C15
C15
C15
XBAROUT15
O
OUTPUTXBAR Signal 15
P2
P2
P2
Table 5-118. External ADC Channel Select XBAR Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC_EXTCH_XBAROUT0
O
External ADC Channel Select XBAR Signal 0
C11, C13
C11, C13
C11, C13
ADC_EXTCH_XBAROUT1
O
External ADC Channel Select XBAR Signal 1
A11, C14
A11, C14
A11, C14
ADC_EXTCH_XBAROUT2
O
External ADC Channel Select XBAR Signal 2
C10, C12
C10, C12
C10, C12
ADC_EXTCH_XBAROUT3
O
External ADC Channel Select XBAR Signal 3
B11, D11
B11, D11
B11, D11
ADC_EXTCH_XBAROUT4
O
External ADC Channel Select XBAR Signal 4
C9, P15
C9
C9
ADC_EXTCH_XBAROUT5
O
External ADC Channel Select XBAR Signal 5
A10, R16
A10
A10
ADC_EXTCH_XBAROUT6
O
External ADC Channel Select XBAR Signal 6
B10, F15
B10, F15
B10, F15
ADC_EXTCH_XBAROUT7
O
External ADC Channel Select XBAR Signal 7
C18, D9
C18, D9
C18, D9
ADC_EXTCH_XBAROUT8
O
External ADC Channel Select XBAR Signal 8
B15
B15
B15
ADC_EXTCH_XBAROUT9
O
External ADC Channel Select XBAR Signal 9
A15
A15
A15
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com