Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M05 Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC0106M05
Description  AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M05 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC0106M05 Datasheet HTML 10Page - Texas Instruments AMC0106M05 Datasheet HTML 11Page - Texas Instruments AMC0106M05 Datasheet HTML 12Page - Texas Instruments AMC0106M05 Datasheet HTML 13Page - Texas Instruments AMC0106M05 Datasheet HTML 14Page - Texas Instruments AMC0106M05 Datasheet HTML 15Page - Texas Instruments AMC0106M05 Datasheet HTML 16Page - Texas Instruments AMC0106M05 Datasheet HTML 17Page - Texas Instruments AMC0106M05 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
5.9 Typical Characteristics (continued)
at AVDD = 5V, DVDD = 3.3V, VINP = –50mV to +50mV, INN = AGND, fCLKIN = 20MHz with 50% duty cycle, and sinc3 filter
with OSR = 256 (unless otherwise noted)
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
80
82
84
86
88
90
Device 1
Device 2
Device 3
G060
Figure 5-27. Signal-to-Noise + Distortion vs Temperature
5
9
13
17
21
f
CLKIN(MHz)
80
82
84
86
88
90
Device 1
Device 2
Device 3
G036
Figure 5-28. Signal-to-Noise Ratio vs Clock Frequency
3
3.5
4
4.5
5
5.5
AVDD (V)
80
82
84
86
88
90
Device 1
Device 2
Device 3
G034
Figure 5-29. Signal-to-Noise Ratio vs High-Side Supply Voltage
0
10
20
30
40
50
60
70
80
90 100 110 120 130
V
IN,PP(mV)
50
55
60
65
70
75
80
85
90
Device 1
Device 2
Device 3
G032
Figure 5-30. Signal-to-Noise Ratio vs Input Signal Amplitude
0.01
0.1
1
10
100
f
IN(kHz)
50
55
60
65
70
75
80
85
90
Device 1
Device 2
Device 3
G033
Figure 5-31. Signal-to-Noise Ratio vs Input Signal Frequency
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
80
82
84
86
88
90
Device 1
Device 2
Device 3
G035
Figure 5-32. Signal-to-Noise Ratio vs Temperature
AMC0106M05
SBASAS7A – AUGUST 2024 – REVISED JUNE 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0106M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com