Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M05 Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC0106M05
Description  AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M05 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC0106M05 Datasheet HTML 3Page - Texas Instruments AMC0106M05 Datasheet HTML 4Page - Texas Instruments AMC0106M05 Datasheet HTML 5Page - Texas Instruments AMC0106M05 Datasheet HTML 6Page - Texas Instruments AMC0106M05 Datasheet HTML 7Page - Texas Instruments AMC0106M05 Datasheet HTML 8Page - Texas Instruments AMC0106M05 Datasheet HTML 9Page - Texas Instruments AMC0106M05 Datasheet HTML 10Page - Texas Instruments AMC0106M05 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
5.6 Electrical Characteristics
minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 3.0V to 5.5V, DVDD = 2.7V to 5.5V, VINP =
–50mV to 50mV, VINN = 0V, and sinc3 filter with OSR = 256 (unless otherwise noted); typical specifications are at TA = 25°C,
CLKIN = 20MHz with 50% duty cycle, AVDD = 5V, and DVDD = 3.3V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
CIN
Effective input sampling
capacitance
8
pF
RIN
Input impedance
fCLK = 10MHz
10.5
12.5
14.5
kΩ
fCLK = 20MHz
5.3
6.3
7.3
IINP
Input current
VIN = (VINP – VINN) = VFSR, MAX,
fCLK = 10MHz
4
μA
VIN = (VINP – VINN) = VFSR, MAX,
fCLK = 20MHz
8
IINN
Input current
VIN = (VINP – VINN) = VFSR, MAX,
fCLK = 10MHz
–4
μA
VIN = (VINP – VINN) = VFSR, MAX,
fCLK = 20MHz
–8
CMTI
Common-mode transient immunity
150
kV/μs
DC ACCURACY
EO
Offset error
INP = INN = AGND, TA = 25°C
–200
10
200
µV
TCEO
Offset error temperature drift(3)
–1.2
1.2
µV/°C
EG
Gain error(1)
TA = 25°C
–0.3%
±0.04%
0.3%
TCEG
Gain error temperature drift(4)
–50
±20
50 ppm/°C
INL
Integral nonlinearity(2)
Resolution: 16 bits
–6
±1
6
LSB
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
CMRR
Common-mode rejection ratio
INP = INN, fIN = 0Hz,
VCM min ≤ VIN ≤ VCM max
–99
dB
INP = INN, fIN from 0.1Hz to 10kHz,
VCM min ≤ VIN ≤ VCM max
–100
PSRR
Power-supply rejection ratio
AVDD DC PSRR, INP = INN = AGND,
AVDD from 3.0V to 5.5V
–100
dB
AVDD AC PSRR, INP = INN = AGND,
AVDD with 10-kHz / 100-mV ripple
–100
AC ACCURACY
SNR
Signal-to-noise ratio
fIN = 1 kHz
84
dB
SINAD
Signal-to-noise + distortion
fIN = 1 kHz
84
dB
THD
Total harmonic distortion(5)
3.0V ≤ AVDD ≤ 5.5V, fIN = 1kHz,
5MHz ≤ fCLKIN ≤ 21MHz
–103
dB
DIGITAL INPUT (CMOS Logic With Schmitt-Trigger)
IIN
Input current
DGND ≤ VIN ≤ DVDD
0
7
μA
CIN
Input capacitance
4
pF
VIH
High-level input voltage
0.7 ×
DVDD
DVDD +
0.3
V
VIL
Low-level input voltage
–0.3
0.3 ×
DVDD
V
DIGITAL OUTPUT (CMOS)
CLOAD
Output load capacitance
15
30
pF
VOH
High-level output voltage
IOH = –4mA
DVDD –
0.4
V
VOL
Low-level output voltage
IOL = 4mA
0.4
V
www.ti.com
AMC0106M05
SBASAS7A – AUGUST 2024 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC0106M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com