Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M05 Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0106M05
Description  AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M05 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0106M05 Datasheet HTML 12Page - Texas Instruments AMC0106M05 Datasheet HTML 13Page - Texas Instruments AMC0106M05 Datasheet HTML 14Page - Texas Instruments AMC0106M05 Datasheet HTML 15Page - Texas Instruments AMC0106M05 Datasheet HTML 16Page - Texas Instruments AMC0106M05 Datasheet HTML 17Page - Texas Instruments AMC0106M05 Datasheet HTML 18Page - Texas Instruments AMC0106M05 Datasheet HTML 19Page - Texas Instruments AMC0106M05 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
6 Detailed Description
6.1 Overview
The AMC0106M05 is a single-channel, second-order, CMOS, delta-sigma (ΔΣ) modulator designed for high-
resolution analog-to-digital conversions of AC signals. The differential analog input of the AMC0106M05 is
implemented with a switched-capacitor circuit. The isolated output of the converter (DOUT) provides a stream
of digital ones and zeros synchronous to the external clock applied to the CLKIN pin. The time average of this
serial output is proportional to the analog input voltage.
The modulator shifts the quantization noise to high frequencies. Therefore, use a digital low-pass filter, such as
a sinc filter at the device output to increase overall performance. This filter also converts the 1-bit data stream
at a high sampling rate into a higher-bit data word at a lower rate (decimation). Use a microcontroller (μC) or
field-programmable gate array (FPGA) to implement the filter.
The overall performance (speed and resolution) depends on the selection of an appropriate oversampling ratio
(OSR) and filter type. A higher OSR results in higher resolution while operating at a lower refresh rate. A lower
OSR results in lower resolution, but provides data at a higher refresh rate. Multiple filters can run in parallel.
For example, a low OSR filter for fast overcurrent detection and a high OSR filter for high resolution current
measurement.
The silicon-dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity; see
the ISO72x Digital Isolator Magnetic-Field Immunity application note. The AMC0106M05 uses an on-off keying
(OOK) modulation scheme to transmit data across the isolation barrier. This modulation, and the isolation barrier
characteristics, result in high reliability in noisy environments and high common-mode transient immunity.
6.2 Functional Block Diagram
DVDD
DOUT
DGND
AGND
INP
INN
AVDD
CLKIN
Modulator
Diagnostics
Digital
Interface
AMC0106M05
SBASAS7A – AUGUST 2024 – REVISED JUNE 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0106M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com