Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7498TR
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498TR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7498TR Datasheet HTML 1Page - STMicroelectronics TDA7498TR Datasheet HTML 2Page - STMicroelectronics TDA7498TR Datasheet HTML 3Page - STMicroelectronics TDA7498TR Datasheet HTML 4Page - STMicroelectronics TDA7498TR Datasheet HTML 5Page - STMicroelectronics TDA7498TR Datasheet HTML 6Page - STMicroelectronics TDA7498TR Datasheet HTML 7Page - STMicroelectronics TDA7498TR Datasheet HTML 8Page - STMicroelectronics TDA7498TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
3
Electrical specifications
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCCA, PVCCB, SVCC
45
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA, INNB, INPB,
GAIN0, GAIN1
-0.3 to 3.6
V
Tj
Operating junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
3.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rth j-case
Thermal resistance, junction to case
-
2
3
°C/W
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage for pins PVCCA, PVCCB, SVCC
14
-
39
V
Tamb
Ambient operating temperature
-40
-
85
°C
3.4
Electrical specifications
Unless otherwise stated, the values in the table below are specified for the conditions: VCC = 36 V, RL = 6 Ω,
ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 25.6 dB Tamb = 25 °C.
Table 5. Electrical specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iq
Total quiescent current
No LC filter, no load
-
40
60
mA
IqSTBY
Quiescent current in standby
-
-
1
10
µA
VOS
Output offset voltage
Play mode
-100
-
100
mV
Mute mode
-60
-
60
IOCP
Overcurrent protection threshold
RL = 0 Ω
6
7
-
A
Tj
Junction temperature at thermal
shutdown
-
-
150
-
°C
Ri
Input resistance
Differential input
48
60
-
kΩ
VOVP
Overvoltage protection threshold
-
42
43
-
V
TDA7498
Electrical specifications
DS6437 - Rev 10
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com