Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7498TR
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7498TR Datasheet HTML 6Page - STMicroelectronics TDA7498TR Datasheet HTML 7Page - STMicroelectronics TDA7498TR Datasheet HTML 8Page - STMicroelectronics TDA7498TR Datasheet HTML 9Page - STMicroelectronics TDA7498TR Datasheet HTML 10Page - STMicroelectronics TDA7498TR Datasheet HTML 11Page - STMicroelectronics TDA7498TR Datasheet HTML 12Page - STMicroelectronics TDA7498TR Datasheet HTML 13Page - STMicroelectronics TDA7498TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
4.2.2
For RL = 8 Ω
Figure 12. Output power (THD = 10%) vs. supply
voltage
10
120
20
30
40
50
60
70
80
90
100
110
+10
+36
+12
+14
+16
+1 8
+20
+22
+24
+26
+2 8
+30
+32
+34
Su pply voltage (V)
Figure 13. THD vs. output power
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
200
200m
500m
1
2
5
10
20
50
100
Output powe r (W)
f = 1 kHz
f = 100 Hz
Figure 14. THD vs. frequency (1 W)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
Figure 15. THD vs. frequency (100 mW)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
Figure 16. Frequency response
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
10
20k
20
50
100
200
500
1k
2k
5k
10k
Fr e quency (H z)
Figure 17. FFT performance (0 dB)
Figure 18. FFT performance (-60 dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
-180
+0
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
TDA7498
Characterization curves
DS6437 - Rev 10
page 10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com