Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7498TR
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7498TR Datasheet HTML 8Page - STMicroelectronics TDA7498TR Datasheet HTML 9Page - STMicroelectronics TDA7498TR Datasheet HTML 10Page - STMicroelectronics TDA7498TR Datasheet HTML 11Page - STMicroelectronics TDA7498TR Datasheet HTML 12Page - STMicroelectronics TDA7498TR Datasheet HTML 13Page - STMicroelectronics TDA7498TR Datasheet HTML 14Page - STMicroelectronics TDA7498TR Datasheet HTML 15Page - STMicroelectronics TDA7498TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Figure 20. Standby and mute circuits
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 kΩ
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 kΩ
Mute
TDA7498
Figure 21. Turn on/off sequence for minimizing speaker “pop”
5.3
Gain setting
The gain of the TDA7498 is set by the two inputs, GAIN0 (pin 30) and GAIN1 (pin31). Internally, the gain is set by
changing the feedback resistors of the amplifier.
Table 7. Gain settings
GAIN0
GAIN1
Nominal gain, Gv (dB)
L
L
25.6
L
H
31.6
H
L
35.6
H
H
37.6
5.4
Input resistance and capacitance
The input impedance is set by an internal resistor Ri = 60 kΩ (typical). An input capacitor (Ci) is required to couple
the AC input signal.
The equivalent circuit and frequency response of the input components are shown in Figure 22. Input circuit and
frequency response. For Ci = 470 nF the high-pass filter cutoff frequency is below 20 Hz:
fC = 1 / (2 * π * Ri * Ci)
TDA7498
Gain setting
DS6437 - Rev 10
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com