Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 3 Page - STMicroelectronics

  TS2007 Datasheet HTML 1Page - STMicroelectronics TS2007 Datasheet HTML 2Page - STMicroelectronics TS2007 Datasheet HTML 3Page - STMicroelectronics TS2007 Datasheet HTML 4Page - STMicroelectronics TS2007 Datasheet HTML 5Page - STMicroelectronics TS2007 Datasheet HTML 6Page - STMicroelectronics TS2007 Datasheet HTML 7Page - STMicroelectronics TS2007 Datasheet HTML 8Page - STMicroelectronics TS2007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TS2007
Absolute maximum ratings and operating conditions
Doc ID 13123 Rev 4
3/29
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage (2)
2.
The magnitude of the input signal must never exceed VCC + 0.3 V / GND - 0.3 V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
The device is protected in case of over temperature by a thermal shutdown active @ 150 °C.
200
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves during a long period will cause abnormal operation.
ESD
HBM: human body model
2
kV
ESD
MM: machine model
200
V
Latch-up
Latch-up immunity
Class A
Lead temperature (soldering, 10 sec)
260
°C
RL
Minimum load resistor
3.2
Ω
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.4 to 5.5
V
VI
Input voltage range
GND to VCC
V
Vic
Input common mode voltage(1)
1.
I Voo I ≤ 35 mV max with both differential gains.
GND+0.15 V to VCC-0.7 V
V
VSTBY
Standby voltage input (2)
Device ON
Device OFF
2.
Without any signal on VSTBY, the device is in standby (internal 300 kΩ pull down resistor).
1.4
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤ 0.4 (3)
3.
Minimum current consumption is obtained when VSTBY = GND.
V
GS
Gain select input:
Gain =12dB
Gain = 6dB
GND
≤ VGS ≤ 0.4
1.4
≤ VGS ≤ VCC
V
RL
Load resistor
≥ 4
Ω
Rthja
Thermal resistance junction to ambient (4)
4.
When mounted on 4-layer PCB.
40
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com