Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 4 Page - STMicroelectronics

  TS2007 Datasheet HTML 1Page - STMicroelectronics TS2007 Datasheet HTML 2Page - STMicroelectronics TS2007 Datasheet HTML 3Page - STMicroelectronics TS2007 Datasheet HTML 4Page - STMicroelectronics TS2007 Datasheet HTML 5Page - STMicroelectronics TS2007 Datasheet HTML 6Page - STMicroelectronics TS2007 Datasheet HTML 7Page - STMicroelectronics TS2007 Datasheet HTML 8Page - STMicroelectronics TS2007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Typical application
TS2007
4/29
Doc ID 13123 Rev 4
2
Typical application
Figure 1.
Typical application schematics
Table 3.
External component descriptions
Components
Functional description
CS
Supply capacitor that provides power supply filtering.
Cin
Input coupling capacitors (optional) that block the DC voltage at the amplifier input
terminal. The capacitors also form a high pass filter with Zin
(Fcl = 1 / (2 x Pi x Zin x Cin)).
VCC
Cin
Cin
In-
Speaker
Cs
1uF
TS2007
Input capacitors
are optional
In+
VCC
VCC
Gain
Select
+
-
Standby
Control
3
4
5
8
PWM
H
Bridge
Oscillator
IN-
IN+
GS
Vcc
OUT+
OUT-
Standby
Gnd
Differential
Input
VCC
Cin
Cin
In-
Cs
1uF
TS2007
Input capacitors
are optional
In+
VCC
VCC
Gain
Select
+
-
Standby
Control
3
4
5
8
PWM
H
Bridge
Oscillator
IN-
IN+
GS
Vcc
OUT+
OUT-
Standby
Gnd
Differential
Input
15 H
μ
2 F
μ
2 F
μ
15 H
μ
30 H
μ
1 F
μ
1 F
μ
30 H
μ
Load
4
LC Output Filter
8
LC Output Filter
Ω
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com