Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet (PDF) - STMicroelectronics

TS2007 Datasheet PDF - STMicroelectronics
Part # TS2007
Download  TS2007 Download
File Size   505.1 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select

TS2007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2007 Datasheet PDF - STMicroelectronics

Part # TS2007
Download  TS2007 Click to download

File Size   505.1 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select

TS2007 Datasheet (HTML) - STMicroelectronics


TS2007 Product details

Features
■ Operating range from VCC = 2.4 V to 5.5 V
■ Standby mode active low
■ Output power: 1.4 W at 5 V or 0.45 W at 3.0 V
into 8 Ω with 1% THD+N max.
■ Output power: 2.3 W at 5 V or 0.75 W at 3.0 V
into 4 Ω with 1% THD+N max.
■ Fixed gain select: 6 dB or 12 dB
■ Low current consumption
■ Efficiency: 88% typ.
■ Signal-to-noise ratio: 94 dB typ.
PSRR: 63 dB typ at 217 Hz with 6 dB gain
■ PWM base frequency: 280 kHz
■ Low pop & click noise
■ Thermal shutdown protection
■ DFN8 3 x 3 mm package




Similar Part No. - TS2007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
24-May-2007
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
833Kb / 33P
3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
15-Apr-2019
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
More results


Similar Description - TS2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
24-May-2007
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
Filter-free stereo 2x2.8W class D audio power amplifer
17-Dec-2007
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007_11 Datasheet
492Kb / 29P
3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
02-May-2011
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
17-Jun-2009
logo
Texas Instruments
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com