Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS421
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS421 Datasheet HTML 25Page - STMicroelectronics TS421 Datasheet HTML 26Page - STMicroelectronics TS421 Datasheet HTML 27Page - STMicroelectronics TS421 Datasheet HTML 28Page - STMicroelectronics TS421 Datasheet HTML 29Page - STMicroelectronics TS421 Datasheet HTML 30Page - STMicroelectronics TS421 Datasheet HTML 31Page - STMicroelectronics TS421 Datasheet HTML 32Page - STMicroelectronics TS421 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
5
Application information
5.1
BTL configuration principle
The TS419 and TS421 are monolithic power amplifiers with a BTL output type. BTL (Bridge Tied Load) means
that each end of the load is connected to two single-ended output amplifiers. Thus, we have:
Single ended output 1 = Vout1 = Vout (V)
Single ended output 2 = Vout2 = -Vout (V)
And Vout1 - Vout2 = 2Vout (V)
The output power is:
Pout (2VoutRMS)2 / RL (W)
For the same power supply voltage, the output power in BTL configuration is four times higher than the output
power in single ended configuration.
5.2
Gain in typical application schematic
In flat region (no effect of Cin), the output voltage of the first stage is:
Vout= −VinRfeedRin V
(1)
For the second stage : Vout2 = -Vout1 (V)
The differential output voltage is:
Vout2−Vout1=2VinRfeedRinV
(2)
The differential gain named gain (Gv) for more convenient usage is:
Gv= Vout2−Vout1
Vin =2RfeedRin
(3)
Remark : Vout2 is in phase with Vin and Vout1 is 180° phased with Vin. It means that the positive terminal of the
loud speaker should be connected to Vout2 and the negative to Vout1.
5.3
Low and high frequency response
In low frequency region, the effect of Cin starts. Cin with Rin forms a high pass filter with a -3 dB cut-off frequency
FCL= 12πRinCinHz
In high frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in parallel on Rfeed. Its form a
low pass filter with a -3 dB cut-off frequency.FCH= 1
2πRfeedCfeed Hz
5.4
Power dissipation and efficiency
Hypothesis:
•
Voltage and current in the load are sinusoidal (Vout and Iout)
•
Supply voltage is a pure DC source (Vcc)
Regarding the load we have:
VOUT=VPEAKsinωtt
(4)
and
IOUT= VOUTRLA
(5)
TS419, TS421
Application information
DS3048 - Rev 7
page 29/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com