Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS421
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS421 Datasheet HTML 27Page - STMicroelectronics TS421 Datasheet HTML 28Page - STMicroelectronics TS421 Datasheet HTML 29Page - STMicroelectronics TS421 Datasheet HTML 30Page - STMicroelectronics TS421 Datasheet HTML 31Page - STMicroelectronics TS421 Datasheet HTML 32Page - STMicroelectronics TS421 Datasheet HTML 33Page - STMicroelectronics TS421 Datasheet HTML 34Page - STMicroelectronics TS421 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
5.6
Wake-up time: TWU
When standby is released to put the device ON, the bypass capacitor CB will not be charged immediatly. As CB is
directly linked to the bias of the amplifier, the bias will not work properly until the CB voltage is correct. The time to
reach this voltage is called wake-up time or TWU and typically equal to:
TWU = 0.15xCB (s) with CB in μF.
Due to process tolerances, the range of the wake-up time is:
0.12xCb < TWU < 0.18xCB (s) with CB in μF
Note:
When the standby command is set, the time to put the device in shutdown mode is a few microseconds.
5.7
Pop performance
Pop performance is intimately linked with the size of the input capacitor Cin and the bias voltage bypass capacitor
CB.
The size of CIN is dependent on the lower cut-off frequency and PSRR values requested. The size of CB is
dependent on THD+N and PSRR values requested at lower frequencies.
Moreover, CB determines the speed with which the amplifier turns ON. The slower the speed is, the softer the turn
ON noise is.
The charge time of CB is directly proportional to the internal generator resistance 150 kΩ.
Then, the charge time constant for CB is
τB = 150 kΩ x CB (s)
As CB is directly connected to the non-inverting input (pin 2 & 3) and if we want to minimize, in amplitude and
duration, the output spike on Vout1 (pin 5), CIN must be charged faster than CB. The equivalent charge time
constant of CIN is:
τIN = (Rin + Rfeed) x CIN (s)
Thus we have the relation:
τIN < τB (s)
Proper respect of this relation allows to minimize the pop noise.
Remark : Minimizing CIN and CB benefits both the pop phenomena, and the cost and size of the application.
5.8
Application : Differential inputs BTL power amplifier
The schematic on figure 98, shows how to design the TS419/21 to work in a differential input mode.
The gain of the amplifier is:
GVDIFF=2R2R1
(13)
In order to reach optimal performances of the differential function, R1 and R2 should be matched at 1% max.
Figure 98. Differential input amplifier configuration
Input capacitance C can be calculated by the following formula using the -3 dB lower frequency required. (FL is
the lower frequency required).
C≈ 12πR1FLF
(14)
Note : This formula is true only if:
FCB= 1
942000×CB Hz
(15)
is ten times lower than FL.
TS419, TS421
Application information
DS3048 - Rev 7
page 31/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com