Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS421
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS421 Datasheet HTML 34Page - STMicroelectronics TS421 Datasheet HTML 35Page - STMicroelectronics TS421 Datasheet HTML 36Page - STMicroelectronics TS421 Datasheet HTML 37Page - STMicroelectronics TS421 Datasheet HTML 38Page - STMicroelectronics TS421 Datasheet HTML 39Page - STMicroelectronics TS421 Datasheet HTML 40Page - STMicroelectronics TS421 Datasheet HTML 41Page - STMicroelectronics TS421 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Figure 54.
PSRR vs. bypass capacitor Cb = 4.7 µF ................................................. 20
Figure 55.
PSRR vs. bypass capacitor Cb = 10 µF .................................................. 21
Figure 56.
THD + N vs. output power RL = 8 Ω .................................................... 21
Figure 57.
THD + N vs. output power RL = 16 Ω.................................................... 21
Figure 58.
THD + N vs. output power RL = 32 Ω.................................................... 21
Figure 59.
THD + N vs. output power RL = 8 Ω, Av = 4 ............................................... 21
Figure 60.
THD + N vs. output power RL = 16 Ω, Av = 4 .............................................. 21
Figure 61.
THD + N vs. output power RL = 32 Ω, Av = 4 .............................................. 22
Figure 62.
THD + N vs. output power RL = 8 Ω .................................................... 22
Figure 63.
THD + N vs. output power RL = 16 Ω.................................................... 22
Figure 64.
THD + N vs. output power RL = 32 Ω.................................................... 22
Figure 65.
THD + N vs. frequency RL = 8 Ω....................................................... 22
Figure 66.
THD + N vs. frequency RL = 16 Ω ...................................................... 22
Figure 67.
THD + N vs. frequency RL = 32 Ω ...................................................... 23
Figure 68.
Signal-to-noise ratio vs. power supply voltage with unweighted filter (20 Hz to 20 kHz) ................. 23
Figure 69.
Signal-to-noise ratio vs power supply voltage with weighted filter Type A ........................... 23
Figure 70.
Noise floor Vcc = 5 V............................................................... 23
Figure 71.
Noise floor Vcc = 2 V............................................................... 23
Figure 72.
PSRR vs. power supply voltage ....................................................... 23
Figure 73.
PSRR vs. input capacitor ............................................................ 24
Figure 74.
PSRR vs. bypass capacitor Cb = Cin = 1 µF............................................... 24
Figure 75.
PSRR vs. bypass capacitor Cb = Cin = 4.7 µF ............................................. 24
Figure 76.
PSRR vs. bypass capacitor Cb = Cin = 10 µF .............................................. 24
Figure 77.
THD + N vs. output power RL = 8 Ω .................................................... 24
Figure 78.
THD + N vs. output power RL = 16 Ω.................................................... 24
Figure 79.
THD + N vs. output power RL = 32 Ω.................................................... 25
Figure 80.
THD + N vs. output power RL = 8 Ω, Av = 8 ............................................... 25
Figure 81.
THD + N vs. output power RL = 16 Ω, Av = 8 .............................................. 25
Figure 82.
THD + N vs. output power RL = 32 Ω, Av = 8 .............................................. 25
Figure 83.
THD + N vs. output power RL = 8 Ω, Cb = 1 µF ............................................ 26
Figure 84.
THD + N vs. output power RL = 16 Ω, Cb = 1 µF............................................ 26
Figure 85.
THD + N vs. output power RL = 32 Ω, Cb = 1 µF............................................ 26
Figure 86.
THD + N vs. frequency RL = 8 Ω....................................................... 26
Figure 87.
THD + N vs. frequency RL = 16 Ω ...................................................... 26
Figure 88.
THD + N vs. frequency RL = 32 Ω ...................................................... 26
Figure 89.
Signal to noise ratio vs. power supply voltage with unweighted filter (20 Hz to 20 kHz) .................. 27
Figure 90.
Signal to noise ratio vs. power supply voltage with weighted filter Type A ........................... 27
Figure 91.
Noise floor Vcc = 5 V............................................................... 27
Figure 92.
Noise floor Vcc = 2 V............................................................... 27
Figure 93.
PSRR vs. power supply voltage ....................................................... 27
Figure 94.
PSRR vs. input capacitor ............................................................ 27
Figure 95.
PSRR vs. bypass capacitor Cb = Cin = 1 µF............................................... 28
Figure 96.
PSRR vs. bypass capacitor Cb = 4.7 µF ................................................. 28
Figure 97.
PSRR vs. bypass capacitor Cb = 1 μF ................................................... 28
Figure 98.
Differential input amplifier configuration .................................................. 31
Figure 99.
MiniSO-8 drawing ................................................................. 34
Figure 100. DFN8 (3x3) drawing ............................................................... 35
TS419, TS421
List of figures
DS3048 - Rev 7
page 41/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com