Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4962_V01 Datasheet HTML 1Page - STMicroelectronics TS4962_V01 Datasheet HTML 2Page - STMicroelectronics TS4962_V01 Datasheet HTML 3Page - STMicroelectronics TS4962_V01 Datasheet HTML 4Page - STMicroelectronics TS4962_V01 Datasheet HTML 5Page - STMicroelectronics TS4962_V01 Datasheet HTML 6Page - STMicroelectronics TS4962_V01 Datasheet HTML 7Page - STMicroelectronics TS4962_V01 Datasheet HTML 8Page - STMicroelectronics TS4962_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
DocID10968 Rev 9
5/44
TS4962
Application overview
44
2
Application overview
Table 4. External component information
Component
Functional description
CS
Bypass supply capacitor. Install as close as possible to the TS4962 to
minimize high-frequency ripple. A 100 nF ceramic capacitor should be added
to enhance the power supply filtering at high frequencies.
Rin
Input resistor used to program the TS4962’s differential gain
(gain = 300 k
Ω/R
in with Rin in kΩ).
Input capacitor
Because of common-mode feedback, these input capacitors are optional.
However, they can be added to form with Rin a 1st order high-pass filter with
-3 dB cut-off frequency = 1/(2*
π*R
in*Cin).
Table 5. Pin description
Pin number
Pin name
Description
1
STBY
Standby input pin (active low)
2
NC
No internal connection pin
3
IN+
Positive input pin
4
IN-
Negative input pin
5
OUT+
Positive output pin
6
VCC
Power supply input pin
7
GND
Ground input pin
8
OUT-
Negative output pin
Exposed pad
Exposed pad can be connected to ground (pin 7) or left
floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com