Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4962_V01 Datasheet HTML 1Page - STMicroelectronics TS4962_V01 Datasheet HTML 2Page - STMicroelectronics TS4962_V01 Datasheet HTML 3Page - STMicroelectronics TS4962_V01 Datasheet HTML 4Page - STMicroelectronics TS4962_V01 Datasheet HTML 5Page - STMicroelectronics TS4962_V01 Datasheet HTML 6Page - STMicroelectronics TS4962_V01 Datasheet HTML 7Page - STMicroelectronics TS4962_V01 Datasheet HTML 8Page - STMicroelectronics TS4962_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Absolute maximum ratings and operating conditions
TS4962
4/44
DocID10968 Rev 9
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1. For VCC between 2.4 V and 2.5 V, the operating temperature range is reduced to 0°C ≤ Tamb ≤ 70°C.
2.4 to 5.5
V
VIC
Common mode input voltage range (2)
2. For VCC between 2.4V and 2.5V, the common mode input range must be set at VCC/2.
0.5 to VCC-0.8
V
VSTBY
Standby voltage input: (3)
Device ON
Device OFF
3. Without any signal on VSTBY, the device will be in standby.
1.4
≤ V
STBY ≤ VCC
GND
≤ V
STBY ≤ 0.4
(4)
4. Minimum current consumption is obtained when VSTBY = GND.
V
RL
Load resistor
≥ 4
Ω
Rthja
Thermal resistance junction to ambient
DFN8 package (5)
5.
When mounted on a 4-layer PCB.
50
°Χ/Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com