Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4962_V01 Datasheet HTML 1Page - STMicroelectronics TS4962_V01 Datasheet HTML 2Page - STMicroelectronics TS4962_V01 Datasheet HTML 3Page - STMicroelectronics TS4962_V01 Datasheet HTML 4Page - STMicroelectronics TS4962_V01 Datasheet HTML 5Page - STMicroelectronics TS4962_V01 Datasheet HTML 6Page - STMicroelectronics TS4962_V01 Datasheet HTML 7Page - STMicroelectronics TS4962_V01 Datasheet HTML 8Page - STMicroelectronics TS4962_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
This is information on a product in full production.
March 2020
DocID10968 Rev 9
1/44
TS4962
2.8 W filter-free mono class D audio power amplifier
Datasheet
- production data
Features
• Operating from V
CC = 2.4 V to 5.5 V
• Standby mode active low
• Output power: 2.8 W into 4 Ω and 1.7 W into
8
Ω with 10% THD+N maximum and 5 V power
supply
• Output power: 2.2 W at 5 V or 0.7 W at 3.0 V
into 4
Ω with 1% THD+N maximum
• Output power: 1.4 W at 5 V or 0.5 W at 3.0 V
into 8
Ω with 1% THD+N maximum
• Adjustable gain via external resistors
• Low current consumption 2 mA at 3 V
• Efficiency: 88% typical
• Signal to noise ratio: 85 dB typical
• PSRR: 63 dB typical at 217 Hz with 6 dB gain
• PWM base frequency: 280 kHz
• Low pop and click noise
• Available in DFN8 3 x 3 mm package
Applications
• Cellular phones
• PDAs
• Notebook PCs
Description
The TS4962 is a differential class-D BTL power
amplifier. It can drive up to 2.2 W into a 4
Ω load
and 1.4 W into an 8
Ω load at 5 V. It achieves
outstanding efficiency (88% typ.) compared to
standard AB-class audio amps.
The gain of the device can be controlled via two
external gain setting resistors. Pop and click
reduction circuitry provides low on/off switch
noise while allowing the device to start within
5 ms. A standby function (active low) enables the
current consumption to be reduced to 10 nA
typical.
www.st.com


Similar Part No. - TS4962_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
3W Filter - free Class D Audio Power Amplifier
Dec-2005
More results

Similar Description - TS4962_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
2.8 W filter-free mono class D audio power amplifier
18-Jan-2010
logo
Texas Instruments
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com