Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021AIYPT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC1021AIYPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIYPT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC1021AIYPT Datasheet HTML 2Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 3Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 4Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 5Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 6Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 9Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TSC1021
6/17
DocID017857 Rev 4
4
Electrical characteristics
The electrical characteristics given in the following tables are measured under the following
test conditions unless otherwise specified: Tamb = 25 °C, VCC = 5 V, Vsense = Vp-Vm = 50 mV,
Vm = 12 V, no load on Out, all gain configurations.
Table 4: Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0 V, -40 °C < Tamb < 125 °C
—
—
300
µA
ICC1
Total supply current
Vsense = 50 mV, -40 °C < Tamb < 125 °C
450
Table 5: Electrical performances
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CMR
DC common-mode
rejection, variation of Vout
versus Vm referred to
input
(1)
2.8 V < Vm < 30 V,
-40 °C < Tamb < 125 °C
90
105
dB
AC CMR
AC common mode
rejection, variation of Vout
versus Vm referred to input
(peak-to-peak voltage
variation)
2.8 V < Vm < 30 V,
DC to 1 kHz sine wave
75
SVR
Supply voltage rejection,
variation of Vout versus
VCC
(1)
3.5 V < VCC < 5.5 V,
-40 °C< Tamb < 125°C
80
95
Vos
Input offset voltage
(1)
2.8 V < Vm < 30 V, Tamb = 25 °C
±1.5
mV
2.8 V < Vm < 30 V,
-40 °C < Tamb < 125 °C
±2.3
dVos/dT
Input offset drift vs. T
-40 °C< Tamb < 125 °C
8
µV/°C
dVout/dT
Output voltage drift vs. T
-40 °C< Tamb < 125 °C
100
ppm/°C
Ilk
Input leakage current
VCC = 0 V, -40 °C < Tamb < 125 °C
1
µA
Iib
Input bias current
Vsense = 0 V, -40 °C < Tamb < 125 °C
7
Av
Gain, (variation of Vout
versus Vsense)
TSC1021A
20
V/V
TSC1021B
50
ΔVout
Total output voltage
accuracy
(2)
Vsense = 50 mV, Tamb = 25 °C
±1.5
%
Vsense = 50 mV, Tmin < Tamb < Tmax
±2.5
Vsense = 100 mV, Tamb = 25 °C
±1.5
Vsense = 100 mV, Tmin < Tamb < Tmax
±2.5
Vsense = 20 mV, Tamb = 25 °C
±7
Vsense = 20 mV, Tmin < Tamb < Tmax
±9
Vsense = 10 mV, Tamb = 25 °C
±12
Vsense = 10 mV, Tmin < Tamb < Tmax
±15
ΔVout/ΔIout
Output stage load
regulation
-5 mA < Iout <5 mA,
Iout sink or source current
±0.4
±2
mV/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com