Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021AIYPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC1021AIYPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIYPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC1021AIYPT Datasheet HTML 3Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 4Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 5Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 6Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 9Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 10Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TSC1021
Electrical characteristics
DocID017857 Rev 4
7/17
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Voh
Out high level saturation
voltage, Voh=Vcc-Vout
Vsense = 1 V, Iout = 1 mA,
Tamb = 25 °C
90
135
mV
Vsense = 1 V, Iout = 1 mA,
-40 °C< Tamb < 125 °C
185
Vol
Out low level saturation
voltage
Vsense = -1 V, Iout = 1 mA,
Tamb = 25 °C
80
125
Vsense = -1 V, Iout = 1 mA,
-40 °C< Tamb < 125 °C
165
Notes:
(1)
See Section 6: "Parameter definitions".
(2)
Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th = Av x Vsense. See Section 6:
"Parameter definitions" for a more detailed definition.
Table 6: Dynamic performances
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Vout settling to 1 % final value
Vsense = 10 mV to 100 mV,
Cload = 47 pF
7
µs
SR
Slew rate
Vsense = 10 mV to 100 mV
0.3
0.45
V/µs
BW
3 dB bandwidth
Cload = 47 pF
800
kHz
eN
Equivalent input noise voltage
f = 1 kHz
50
nV/√ Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com