Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1021AIYPT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSC1021AIYPT
Description  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIYPT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSC1021AIYPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 9Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 10Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 11Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 12Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 13Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 14Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 15Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Parameter definitions
TSC1021
12/17
DocID017857 Rev 4
6.5
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula.
The actual value is very slightly different, mainly due to the effects of:
the input offset voltage Vos
the non-linearity
the voltage saturation of VOL and VOH
The output voltage accuracy, expressed as a percentage, can be calculated with the
following formula.
With Av = 20 V/V for TSC1021A and Av = 50 V/V for TSC1021B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com