Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 2Page - STMicroelectronics TSC200 Datasheet HTML 3Page - STMicroelectronics TSC200 Datasheet HTML 4Page - STMicroelectronics TSC200 Datasheet HTML 5Page - STMicroelectronics TSC200 Datasheet HTML 6Page - STMicroelectronics TSC200 Datasheet HTML 7Page - STMicroelectronics TSC200 Datasheet HTML 8Page - STMicroelectronics TSC200 Datasheet HTML 9Page - STMicroelectronics TSC200 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Table 5. Electrical characteristics of the Comparator at VCC = 12 V, VICM = 12 V, VSense = 100 mV, RL = 10 kΩ to GND,
Rpull-up = 5.1 kΩ connected from CMPOUT to VCC, T = 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input
VTH
Threshold
T = 25 °C
590
608
620
mV
Tmin < T < Tmax
586
625
Hyst
Hysteresis (1)
Tmin < T < Tmax
-9
IIB
Input bias current, CMPIN pin (2)
T = 25 °C
0.005
10
nA
Tmin < T < Tmax
15
VIN
Input voltage range, CMPIN pin
0
VCC -1.5
V
Output (open-drain)
Av
Large signal differential voltage gain
CMPOUT from 1 to 4 V
RL ≥ 15 kΩ connected to 5 V
200
V/mV
IOH
High level leakage current (3) (4)
VID = 0.4 V, VOH = VCC
0.0001
1
µA
VOL
Low level output voltage (3)
VID = -0.6 V, IOL = 2.35 mA
140
300
mV
Response time
TP
Response time (5)
RL to 5 V, CLoad = 15 pF,
100 mV input step with 5 mV overdrive
0.3
µs
RESET
VT
Reset threshold (6)
1.1
V
RI
Input impedance
2
MΩ
TDW
Minimum Reset pulse width
0.1
µs
TD
Propagation delay
0.1
µs
1. See Figure 3 for details, Hysteresis=VTRIP- - VTRIP+.
2. Specified by design.
3. VID is the differential voltage present at the comparator inputs.
4. Open-drain output can be pulled up to 2.7~18 V range, regardless of VCC.
5. The comparator response time specified is the time interval between the input step and the instant when the output crosses 1.4 V.
6. The RESET input has an internal 2 MΩ (typical) pull-down. In case RESET pin is left open, the output shows a LOW state, with transparent
comparator operation.
Figure 3. Typical comparator hysteresis
TSC200, TSC201, TSC202
Electrical characteristics
DS13882 - Rev 3
page 6/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com