Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC200 Datasheet HTML 1Page - STMicroelectronics TSC200 Datasheet HTML 2Page - STMicroelectronics TSC200 Datasheet HTML 3Page - STMicroelectronics TSC200 Datasheet HTML 4Page - STMicroelectronics TSC200 Datasheet HTML 5Page - STMicroelectronics TSC200 Datasheet HTML 6Page - STMicroelectronics TSC200 Datasheet HTML 7Page - STMicroelectronics TSC200 Datasheet HTML 8Page - STMicroelectronics TSC200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics of the Current sense amplifier at VCC = 12 V, VICM = 12 V, VSense = 100 mV, RL = 10 kΩ
to GND, Rpull-up = 5.1 kΩ connected from CMPOUT to VCC, CMPIN = GND, T = 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input
VSense
Full scale sense input voltage
0.15
VCC−0.25
Gain V
VICM
Common-mode input range
Tmin < T < Tmax
-16
80
V
CMR
Common-mode rejection
VIN+ = -16 to 80 V,
80
110
dB
VIN+ = 12 to 80 V, Tmin < T < Tmax
100
120
Vos
Offset voltage, RTI (1) (2)
T = 25 °C
-2.5
±0.1
+2.5
mV
25 °C < T < Tmax
-3
+3
Tmin < T < 25 °C
-3.5
+3.5
|ΔVos/ΔT| Offset drift (RTI) vs. temperature
Tmin < T < Tmax
0.5
µV/°C
SVR
Supply voltage rejection, RTI
VOUT = 2 V, VIN+ = 18 V,
VCC = 2.7 to 18 V,Tmin < T < Tmax
3
100
µV/V
IIB
Input bias current, VIN- pin
Tmin < T < Tmax
±0.5
±16
µA
Output (VSense ≥ 20 mV)
G
Gain
TSC200
TSC201
TSC202
20
50
100
V/V
EG
Gain error
VSense = 20 to 100 mV
Tmin < T < Tmax
±0.05
±1
±2
%
TEG
Total output error (3)
VSense = 120 mV, VCC = 16 V
Tmin < T < Tmax
±0.1
±2.2
±3.5
%
NLE
Non linearity error
VSense = 20 to 100 mV
±0.002
%
RO
Output impedance
1.5
CLoad
Maximum capacitive load
No sustained oscillation
10
nF
Output (VSense < 20 mV)
Output
TSC200, TSC201, TSC202
-16 ≤ VICM < 0 V
300
mV
TSC200
TSC201
TSC202
0 ≤ VICM ≤ Vcc, VCC = 5 V
400
1000
2000
TSC200, TSC201, TSC202
Vcc < VICM ≤ 80 V
300
Voltage output
VOH
Output swing to the positive rail
VIN- = 11 V, VIN+ = 12 V, Tmin < T < Tmax
VCC - 0.15
VCC - 0.25
V
VOL
Output swing to GND
VIN- = 0 V, VIN+ = -50 mV, Tmin < T <
Tmax
TSC200
TSC201
TSC202
4
50
65
100
mV
TSC200, TSC201, TSC202
Electrical characteristics
DS13882 - Rev 3
page 4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com