Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 3 Page - STMicroelectronics

  TSC200 Datasheet HTML 1Page - STMicroelectronics TSC200 Datasheet HTML 2Page - STMicroelectronics TSC200 Datasheet HTML 3Page - STMicroelectronics TSC200 Datasheet HTML 4Page - STMicroelectronics TSC200 Datasheet HTML 5Page - STMicroelectronics TSC200 Datasheet HTML 6Page - STMicroelectronics TSC200 Datasheet HTML 7Page - STMicroelectronics TSC200 Datasheet HTML 8Page - STMicroelectronics TSC200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 18.3
V
VIN +, VIN-
Differential voltage (VIN+) – (VIN-)
25% VCC (1)
Common-mode voltage on input pins
-18 to +82
CMPIN,
RESET
Voltage present on pins VIN+, VIN-, CMPIN, RESET
Gnd -0.3 to Vcc +0.3
V
OUT
Analog output
Gnd -0.3 to Vcc +0.3
CMPOUT
Voltage present on pin CMPOUT
Gnd -0.3 to 18.3
IIN
Input current on VIN+, VIN-
5
mA
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
ESD
Human Body Model (HBM)
4000
V
Charged Device Model (CDM)
1000
RTHJA
Thermal resistance junction to ambient
SO8
125
°C/W
MiniSO8
190
1. For VCC ≥ 12 V, Vdiff must not exceed 3 V.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 18
V
VICM
Common-mode voltage on input pins
-16 to +80
V
T
Operating free-air temperature range
-40 to 125
°C
TSC200, TSC201, TSC202
Absolute maximum ratings and operating conditions
DS13882 - Rev 3
page 3/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com