Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2012H Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSC2012H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2012H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSC2012H Datasheet HTML 9Page - STMicroelectronics TSC2012H Datasheet HTML 10Page - STMicroelectronics TSC2012H Datasheet HTML 11Page - STMicroelectronics TSC2012H Datasheet HTML 12Page - STMicroelectronics TSC2012H Datasheet HTML 13Page - STMicroelectronics TSC2012H Datasheet HTML 14Page - STMicroelectronics TSC2012H Datasheet HTML 15Page - STMicroelectronics TSC2012H Datasheet HTML 16Page - STMicroelectronics TSC2012H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Figure 15. Output current vs. temperature with VCC = 5 V
-40
-20
0
20
40
60
80
100 120 140
80
120
0
5
10
15
20
25
30
35
40
45
50
Isource
Isink
Vcc=5V
Vicm=12V
Vref=Vcc/2
Vsense=100mV
Temperature (°C)
Figure 16. Output current vs. temperature with VCC = 2.7 V
-40
-20
0
20
40
60
80
100 120 140
-
-
0
5
10
15
20
25
30
35
40
45
50
Isource
Isink
Vcc=2.7V
Vicm=12V
Vref=Vcc/2
Vsense=100mV
Temperature (°C)
Figure 17. Voh and Vol vs. input common mode voltage
with VCC = 5 V
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
0
9
17
26
34
43
0
17
34
Vcc=5V; Vref=Vcc/2
Vsense= 100mV
Rl=10kΩ connected to Vcc/2
T=25 °C
VOH
VOL
Vicm (V)
Figure 18. (Output voltage + Vref) vs. Vsense unidirectional
with VCC = 5 V
-10
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
-0.6
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
0.0
1.2
2.4
3.6
4.8
6.0
Vref=0V
Vcc=5V
T=25 °C
Unidirectionnal
Vsense (mV)
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 13/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com