Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2012H Datasheet(PDF) 37 Page - STMicroelectronics

Part # TSC2012H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2012H Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TSC2012H Datasheet HTML 33Page - STMicroelectronics TSC2012H Datasheet HTML 34Page - STMicroelectronics TSC2012H Datasheet HTML 35Page - STMicroelectronics TSC2012H Datasheet HTML 36Page - STMicroelectronics TSC2012H Datasheet HTML 37Page - STMicroelectronics TSC2012H Datasheet HTML 38Page - STMicroelectronics TSC2012H Datasheet HTML 39Page - STMicroelectronics TSC2012H Datasheet HTML 40Page - STMicroelectronics TSC2012H Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
5.11
EMI rejection ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of current sensing
device. An adverse effect that is common to many current sensing is a change in the offset voltage as a result of
RF signal rectification. Figure 1 shows the EMIRR on pin IN+, Figure 2 shows the EMIRR on pin IN- of the
TSC2011H measured from 400 MHz up to 2.4 GHz.
Figure 73. EMIRR on pin+
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc=5V, T=25°C
Prf=-10dBm
Frequency (MHz)
Figure 74. EMIRR on pin-
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc=5V, T=25°C
Prf=-10dBm
Frequency (MHz)
Figure 75. EMIRR on pin+ (TSC2010H) shows the EMIRR on pin IN+, Figure 76. EMIRR on pin- (TSC2010H)
shows the EMIRR on pin IN- of the TSC2010H measured from 10 MHz up to 2.4 GHz.
Figure 75. EMIRR on pin+ (TSC2010H)
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc = 5 V, T = 25°C
Prf = 10 dBm
Frequency (MHz)
Figure 76. EMIRR on pin- (TSC2010H)
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc = 5 V, T = 25°C
Prf = 10 dBm
Frequency (MHz)
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 37/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com