| Electronic Components Datasheet Search |
|
TSC2012H Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC2012H Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 49 page ![]() 3 Maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (1) -0.3 to 7 V VICM Common mode voltage on input pins -25 to 76 V VDIF Differential voltage between input pins (In+, In-) 7 V VREF1 VREF2 VOUT Voltage present on pins REF1, REF2, OUT Gnd - 0.3 to Vcc + 0.3 V IIN Input current to any pins (2) 5 mA TSTG Storage temperature -65 to 150 °C TJ Junction temperature 160 °C RTHJA Thermal resistance junction to ambient (3)(4) SO8 125 °C/W ESD Human body model (HBM) (5) 2000 V Charged device model (CDM) (6) 1000 1. All voltage values, except the differential voltage are with respect to the network ground terminal. 2. Input voltage can go beyond supply voltage but input current must be limited. Using a serial resistor with the input is highly recommended in that case. 3. Short-circuits can cause excessive heating and destructive dissipation. 4. Rth are typical values. 5. According to JEDEC standard JESD22-A114F. 6. According to ANSI/ESD STM5.3.1. Table 3. Operating conditions Symbol Parameter Value Unit Vcc Supply voltage 2.7 to 5.5 V Vicm Common mode voltage on input pins -20 to +70 V Vref Output offset adjustment range 0 to Vcc V T Operating free-air temperature range -40 to 150 °C TSC2010H, TSC2011H, TSC2012H Maximum ratings DS13791 - Rev 2 page 4/49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |