Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TSC2011
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TSC2011 Datasheet HTML 41Page - STMicroelectronics TSC2011 Datasheet HTML 42Page - STMicroelectronics TSC2011 Datasheet HTML 43Page - STMicroelectronics TSC2011 Datasheet HTML 44Page - STMicroelectronics TSC2011 Datasheet HTML 45Page - STMicroelectronics TSC2011 Datasheet HTML 46Page - STMicroelectronics TSC2011 Datasheet HTML 47Page - STMicroelectronics TSC2011 Datasheet HTML 48Page - STMicroelectronics TSC2011 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
11-Sep-2019
1
Initial release.
30-Jan-2020
2
Added new part number TSC2012, Figure 25. Gain vs. frequency (VCC = 5 V),
Figure 27. Gain vs. different capacitive load (TSC2012), Figure 29. Bandwidth vs.
input common mode (TSC2012) and Figure 32. Small signal response with VCC = 5 V
(TSC2012).
Updated description on the cover page, Figure 30. Overshoot vs. capacitive load,
Figure 42. Overvoltage recovery vs. Vicm, VCC = 5 V, Table 4. Electrical characteristics
VCC = 2.7 V, Vicm = 12 V, T = 25 °C (unless otherwise specified)., Table 5. Electrical
characteristics (VCC = 5 V, Vicm = 12 V, T = 25 °C unless otherwise specified) and
Table 9. Order codes.
10-Apr-2020
3
Added new part number TSC2010, Figure 75 and Figure 76.
Updated:
- Features and description on the cover page
- |Vsense|, G, BW and SR conditions in Table 4 and Table 5.
- Section 4.1 Typical characteristics.
- Table 9. Order codes.
05-Aug-2020
4
Updated Figure 77 and Figure 78.
06-May-2021
5
Updated Section 5.13.1 H-Bridge motor control.
15-Sep-2021
6
Updated Figure 33. Bandwidth vs. input common mode (TSC2012).
06-Feb-2025
7
Updated Figure 1. Minor text changes in Section 5.11.
TSC2010, TSC2011, TSC2012
DS13057 - Rev 7
page 45/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com