Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSC2011
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSC2011 Datasheet HTML 19Page - STMicroelectronics TSC2011 Datasheet HTML 20Page - STMicroelectronics TSC2011 Datasheet HTML 21Page - STMicroelectronics TSC2011 Datasheet HTML 22Page - STMicroelectronics TSC2011 Datasheet HTML 23Page - STMicroelectronics TSC2011 Datasheet HTML 24Page - STMicroelectronics TSC2011 Datasheet HTML 25Page - STMicroelectronics TSC2011 Datasheet HTML 26Page - STMicroelectronics TSC2011 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
5
Application information
5.1
Overview
The TSC2011 is especially designed to accurately measure the current by amplifying the voltage across a shunt
resistor connected to its input. This voltage drop Vsense is then amplified by an instrumentation amplifier providing
a max. input offset voltage of 500 µV (25°C) for an input common voltage of 12 V.
The TSC2011 is a fixed gain current sensing amplifier of 60 V/V. Thanks to a thin film resistor, the TSC2011 offers
an extremely precise gain and a very high CMRR performance even in a high frequency range. Moreover, by
fixing the output common mode voltage, the TSC2011 can be either used as unidirectional or bidirectional current
sensing amplifier.
The TSC2011 provides an extended input common range from - 20 V below the negative supply voltage, and up
to 70 V allowing either low-side or high-side current sensing, while the TSC2011 device can operate from 2.7 to
5.5 V.
The parameters are very stable in the full Vcc range and characterization curves show the TSC2011
characteristics at 2.7 V and 5.0 V. Moreover, the main specifications are guaranteed in an extended temperature
range from -40 to 125 °C.
5.2
Theory of operation
The main feature of the TSC2011 is the ability to work with an input common mode voltage largely beyond the
power supply Vcc range (2.7 V to 5.5 V). It is ideal, for example for automotive applications where a reverse
battery can be supported by the TSC2011 without any damage. It also works with 48 V battery applications as the
TSC2011 can support and measure the current on line at voltage up to 70 V. No additional protective components
are needed in that range.
•
Vcc < Vicm < 70 V
In this case, the power supply of the TSC2011 is issued by the input and not only by the Vcc power supply. More
precisely, a current is drawn by the common mode rail as depicted in the Figure 54. Power supply when Vicm >
Vcc to power it.
Figure 54. Power supply when Vicm > Vcc
In Figure 55. Input bias current vs. common mode voltage Vcc = 5 V, the current used to power the TSC2011
increases together with the Vicm voltage. The slope represents the internal common mode resistances. The most
part of the current is drawn by the pin In+ as we can see on the iibp curve of Figure 9. Input bias current vs.
temperature with VCC = 5 V the current is around 450 µA. Some of it being Vicm / (R4+R1) and some supplies the
input stage of the circuit, roughly 250 µA. On the In- pin 250 µA is drawn only.
TSC2010, TSC2011, TSC2012
Application information
DS13057 - Rev 7
page 23/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com