Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSC2011
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSC2011 Datasheet HTML 20Page - STMicroelectronics TSC2011 Datasheet HTML 21Page - STMicroelectronics TSC2011 Datasheet HTML 22Page - STMicroelectronics TSC2011 Datasheet HTML 23Page - STMicroelectronics TSC2011 Datasheet HTML 24Page - STMicroelectronics TSC2011 Datasheet HTML 25Page - STMicroelectronics TSC2011 Datasheet HTML 26Page - STMicroelectronics TSC2011 Datasheet HTML 27Page - STMicroelectronics TSC2011 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
So due to the architecture of the TSC2011, the current to be measured must be much larger than the input bias
current. In case of small current to measure the Iib current must be taken into account.
Figure 55. Input bias current vs. common mode voltage Vcc = 5 V
-20
-10
0
10
20
30
40
50
60
70
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Iibp
Vref=Vcc/2
Vsense=0V
Vcc=5V
Iibn
Vicm (V)
•
Gnd < Vicm < Vcc
In this manner, the TSC2011 is only powered by the power supply Vcc, and the iib currents are very close to 0 µA
and do not have any impact on the current measurement.
•
- 20 V < Vicm < Gnd
The TSC2011 is fully functional in this range of common mode voltage and has also been characterized.
As the high positive common mode voltage, in this specific range, the TSC2011 is also powered by the input, see
Figure 56. Power supply when Vicm < Gnd.
Figure 56. Power supply when Vicm < Gnd
Most part of the current is still due to the pin In+ as we can see on the iibp curve of Figure 9. Input bias current vs.
temperature with VCC = 5 V. The current is about - 300 µA, some of it being Vicm / (R4 + R1) and some other
supplies the circuit, roughly 250 µA. A small part of the current, coming from the common mode rail, is also due to
the input In– in order to power the TSC2011, in a range of - 100 µV.
TSC2010, TSC2011, TSC2012
Application information
DS13057 - Rev 7
page 24/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com