Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTVALVECNTLEVMUG Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # KTVALVECNTLEVMUG
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTVALVECNTLEVMUG Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  KTVALVECNTLEVMUG Datasheet HTML 1Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 2Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Getting to Know the Hardware
KTVALVECNTLEVMUG Rev. 1.0
Freescale Semiconductor, Inc.
5
3
Getting to Know the Hardware
3.1
Board Overview
The KITVALVECNTLEVM Evaluation Board facilitates the development of hydraulic and pneumatic systems that use either the SB0800
Octal Valves Controller SoC or the SB0410 Quad Valves Controller SoC. The EVB allows designers to evaluate the MC34SB0800 and
the MC34SB0410 separately or in unison. Designers monitor and control, through the MCU, the Valve Controller SoC functions using a
downloadable Windows-based Graphical User Interface (GUI.) The KITVALVECNTLEVM communicates with the PC through an on-board
FTDI to USB port. The board comes preloaded with firmware, but users can download their own firmware using a program connector
provided on the board. (Use the S12 Multilink Programmer/Debugger to perform the programming.) The board also contains an SPI
connector that allows direct access to the MC34SB0800 and MC34SB0410 SPI pins.
3.2
Board Features
The board features are as follows:
• Support for both MC34SB0800 and MC34SB0410 (either separately or in unison)
• SPI port providing direct access to MCU SPI pins
• CAN and LIN bus connectors
3.2.1 Device Features
This evaluation board features the following Freescale products:
Table 1. Device Features
Device
Description
Features
MC34SB0800
Octal Valve and Pump System on Chip
• Operating voltage 6.0 V to 36 V
• Eight Valve Controls - Four current regulated, four PWMed
• High-side predriver for valve protection
• Pump motor predriver up to 500 Hz PWM
• 16-bit SPI interface with watchdog
• Three 10-bit ADC channels
MC34SB0410
Quad Valve and Pump System on Chip
• Operating voltage 6.0 V to 36 V
• Four Current-regulated or PWM Valve Controls
• Pump motor predriver up to 16 kHz PWM
• 16-bit SPI interface with watchdog
• Three 10-bit ADC channels
MC9S12XEP
16-bit MCU for General Purpose
Automotive and Industrial Applications
• S12X CPU @ 50Mhz bus speed
• ADC 12-bit resolution and 3 µs conversion time
• Pulse width modulator (PWM)
• Serial peripherial interface (SPI)
• Serial communication interface (SCI)
• Background debug module (BDM) debugger (xDBG)
MCZ33903
System Basis Chip
• Voltage regulator for MCU, 5.0 V or 3.3 V
• ISO11898-5 high-speed CAN interface compatibility for baud rates of 40 kb/s to 1.0
Mb/s
• Fully-protected embedded 5.0 V regulator for the CAN driver
• Advanced SPI, MCU, ECU power supply and critical pins diagnostics and monitoring
• Auxiliary 5.0 V or 3.3 V SPI configurable regulator, for additional ICs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com