Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTVALVECNTLEVMUG Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # KTVALVECNTLEVMUG
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTVALVECNTLEVMUG Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button KTVALVECNTLEVMUG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 9Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 10Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Getting to Know the Hardware
KTVALVECNTLEVMUG Rev. 1.0
Freescale Semiconductor, Inc.
7
3.3
Board Description
Figure 2 and Table 3 below describe the major components of the KITVALVECNTLEVM evaluation board.
Figure 2. KITVALVECNTLEVM Board Description
Table 3. Board Description
Name
Description
MC34SB0410
Valve and motor control MCU with four valve control capability
MC34SB0800
Valve and motor control MCU with eight valve control capability (four regulated, four PWM)
MC9S12XEP
16-bit MCU for General Purpose Automotive and Industrial Applications
MCZ33903
System Basis Chip
Power/GND Connectors
Provide connections for external power supplies
FTDI Connector
Primary communication link with PC when used with GUI
Additional I/O
Serve as a communication links between the board and a PC
Reset button
Resets the board MCU’s
CAN & LIN Connectors
Provide connections to CAN and LIN buses
LDx and HS Connectors
Provide connections for LDx and HS signals
MCU I/O Connectors
Provide connections for ADINx (quad and octal) and ICOx signals
Motor/Pump Connectors
Provide connections for external pumps and motors
Low-side Driver Connectors (Digital)
Provide connections for digital low-side drivers
High-side Driver Connectors
Provide connections for high-side driver
Low-side Driver Connectors (Regulated)
Provide connections for low-side drivers
Low-Side Driver
Connectors
(Regulated)
High-Side Driver
Connectors
Low-Side Driver
Connectors
(Digital)
Motor/Pump
Connectors
MCU I/O
Connectors
Power/GND
Connectors
Additional
I/O
LDx & HS
Connectors
CAN & LIN
Connectors
MC34SB0800
Reset
Button
MC34SB0410
FTDI
Connector
(for communication
with the GUI)
MC9S12XEP
MCZ33903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com