Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTVALVECNTLEVMUG Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # KTVALVECNTLEVMUG
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTVALVECNTLEVMUG Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button KTVALVECNTLEVMUG Datasheet HTML 10Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 11Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 18Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Installing the Software and Setting up the Hardware
KTVALVECNTLEVMUG Rev. 1.0
14
Freescale Semiconductor, Inc.
Figure 8. Octal Monitoring Screen
12. Click on the "Start" button. The voltage on each dashboard should arrive at a stabilized value.
13. As a typical example, Digital & Analog Supply will be set around 2.5 V, internal regulator 10 V around 9.5 V to 10 V and the
other internal regulator 12V around 11.5 V to 12 V. Finally Internal Charge Pump supply should be set around 13 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com