Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12FTEP1001 Datasheet(PDF) 5 Page - Multicomp Pro

Part # MCPWR12FTEP1001
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEP1001 Datasheet(HTML) 5 Page - Multicomp Pro

  MCPWR12FTEP1001 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEP1001 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page <5>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Type
Packaging Quantity
Tape
Width
Reel
Diameter
(Inches)
ØA
ØB
ØC
W
T
0402
Paper
10K
8mm
7 inch
178.5 ±1.5
60+1/-0
13 ±0.2
9 ±0.5
12.5 ±0.5
0603
Paper
5K
8mm
7 inch
178.5 ±1.5
60+1/-0
13 ±0.2
9 ±0.5
12.5 ±0.5
0805
1206
1210
2010
Embossed
4K
12mm
7 inch
178.5 ±1.5
60+1/-0
13 ±0.5
13 ±0.5
15.5 ±0.5
2512
Paper Tape Specifications
Dimensions : Millimetres
Type
A
(mm)
B
(mm)
W
(mm)
E
(mm)
F
(mm)
P
0
(mm)
P
1
(mm)
P
2
(mm)
ØD
0
(mm)
T
(mm)
0402
0.65 ±0.1 1.15 ±0.1
8 ±0.2
1.75 ±0.1 3.5 ±0.05 4 ±0.1 2 ±0.05
2 ±0.05 1.5 +0.1,-0
0.45 ±0.1
0603
1.1 ±0.1
1.9 ±0.1
8 ±0.2
1.75 ±0.1 3.5 ±0.05 4 ±0.1 4 ±0.05
2 ±0.05 1.5 +0.1,-0
0.7 ±0.1
0805
1.6 ±0.1
2.4 ±0.2
8 ±0.2
1.75 ±0.1 3.5 ±0.05 4 ±0.1 4 ±0.05
2 ±0.05 1.5 +0.1,-0
0.85 ±0.1
1206
1.9 ±0.1
3.5 ±0.2
8 ±0.2
1.75 ±0.1 3.5 ±0.05 4 ±0.1 4 ±0.05
2 ±0.05 1.5 +0.1,-0
0.85 ±0.1
1210
2.9 ±0.1
3.5 ±0.2
8 ±0.2
1.75 ±0.1 3.5 ±0.05 4 ±0.1 4 ±0.05
2 ±0.05 1.5 +0.1,-0
0.85 ±0.1
Type
A
(mm)
B
(mm)
W
(mm)
E
(mm)
F
(mm)
P
0
(mm)
P
1
(mm)
P
2
(mm)
ØD
0
(mm)
T
(mm)
2010
2.8 ±0.1
5.5 ±0.1
12 ±0.3 1.75 ±0.1 5.5 ±0.05 4 ±0.1
4 ±0.1
2 ±0.05
1.5 +0.1, -0
1.2+0
2512
3.5 ±0.1
6.7 ±0.1
12 ±0.3 1.75 ±0.1 5.5 ±0.05 4 ±0.1
4 ±0.1
2 ±0.05
1.5 +0.1, -0
1.2+0
Embossed Plastic Tape Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com